Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM416RD8AS Arkusz danych(PDF) 9 Page - Samsung semiconductor

Numer części KM416RD8AS
Szczegółowy opis  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS Arkusz danych(HTML) 9 Page - Samsung semiconductor

Back Button KM416RD8AS Datasheet HTML 5Page - Samsung semiconductor KM416RD8AS Datasheet HTML 6Page - Samsung semiconductor KM416RD8AS Datasheet HTML 7Page - Samsung semiconductor KM416RD8AS Datasheet HTML 8Page - Samsung semiconductor KM416RD8AS Datasheet HTML 9Page - Samsung semiconductor KM416RD8AS Datasheet HTML 10Page - Samsung semiconductor KM416RD8AS Datasheet HTML 11Page - Samsung semiconductor KM416RD8AS Datasheet HTML 12Page - Samsung semiconductor KM416RD8AS Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Page 6
KM416RD8AS
Direct RDRAM
Rev. 0.9 July 1999
Target
Packet Format
Figure 3 shows the formats of the ROWA and ROWR
packets on the ROW pins. Table 4 describes the fields which
comprise these packets. DR4T and DR4F bits are encoded to
contain both the DR4 device address bit and a framing bit
which allows the ROWA or ROWR packet to be recognized
by the RDRAM.
The AV (ROWA/ROWR packet selection) bit distinguishes
between the two packet types. Both the ROWA and ROWR
packet provide a five bit device address and a five bit bank
address. An ROWA packet uses the remaining bits to
specify a nine bit row address, and the ROWR packet uses
the remaining bits for an eleven bit opcode field. Note the
use of the “RsvX” notation to reserve bits for future address
field extension.
Figure 3 also shows the formats of the COLC, COLM, and
COLX packets on the COL pins. Table 5 describes the fields
which comprise these packets.
The COLC packet uses the S (Start) bit for framing. A
COLM or COLX packet is aligned with this COLC packet,
and is also framed by the S bit.
The 23 bit COLC packet has a five bit device address, a five
bit bank address, a six bit column address, and a four bit
opcode. The COLC packet specifies a read or write
command, as well as some power management commands.
The remaining 17 bits are interpreted as a COLM (M=1) or
COLX (M=0) packet. A COLM packet is used for a COLC
write command which needs bytemask control. The COLM
packet is associated with the COLC packet from a time tRTR
earlier. An COLX packet may be used to specify an indepen-
dent precharge command. It contains a five bit device
address, a five bit bank address, and a five bit opcode. The
COLX packet may also be used to specify some house-
keeping and power management commands. The COLX
packet is framed within a COLC packet but is not otherwise
associated with any other packet.
Table 4: Field Description for ROWA Packet and ROWR Packet
Field
Description
DR4T,DR4F
Bits for framing (recognizing) a ROWA or ROWR packet. Also encodes highest device address bit.
DR3..DR0
Device address for ROWA or ROWR packet.
BR4..BR0
Bank address for ROWA or ROWR packet. RsvB denotes bits ignored by the RDRAM.
AV
Selects between ROWA packet (AV=1) and ROWR packet (AV=0).
R7..R0
Row address for ROWA packet. RsvR denotes bits reserved for future row address extension.
ROP10..ROP0
Opcode field for ROWR packet. Specifies precharge, refresh, and power management functions.
Table 5: Field Description for COLC Packet, COLM Packet, and COLX Packet
Field
Description
S
Bit for framing (recognizing) a COLC packet, and indirectly for framing COLM and COLX packets.
DC4..DC0
Device address for COLC packet.
BC4..BC0
Bank address for COLC packet. RsvB denotes bits reserved for future extension (controller drives 0’s).
C5..C0
Column address for COLC packet. RsvC denotes bits ignored by the RDRAM.
COP3..COP0
Opcode field for COLC packet. Specifies read, write, precharge, and power management functions.
M
Selects between COLM packet (M=1) and COLX packet (M=0).
MA7..MA0
Bytemask write control bits. 1=write, 0=no-write. MA0 controls the earliest byte on DQA7..0.
MB7..MB0
Bytemask write control bits. 1=write, 0=no-write. MB0 controls the earliest byte on DQB7..0.
DX4..DX0
Device address for COLX packet.
BX4..BX0
Bank address for COLX packet. RsvB denotes bits reserved for future extension (controller drives 0’s).
XOP4..XOP0
Opcode field for COLX packet. Specifies precharge, IOL control, and power management functions.


Podobny numer części - KM416RD8AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8ACD-RK70 SAMSUNG-KM416RD8ACD-RK70 Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8ACD-RK80 SAMSUNG-KM416RD8ACD-RK80 Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AD SAMSUNG-KM416RD8AD Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
More results

Podobny opis - KM416RD8AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com