Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KS88C0916 Arkusz danych(PDF) 2 Page - Samsung semiconductor

Numer części KS88C0916
Szczegółowy opis  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C0916 Arkusz danych(HTML) 2 Page - Samsung semiconductor

  KS88C0916 Datasheet HTML 1Page - Samsung semiconductor KS88C0916 Datasheet HTML 2Page - Samsung semiconductor KS88C0916 Datasheet HTML 3Page - Samsung semiconductor KS88C0916 Datasheet HTML 4Page - Samsung semiconductor KS88C0916 Datasheet HTML 5Page - Samsung semiconductor KS88C0916 Datasheet HTML 6Page - Samsung semiconductor KS88C0916 Datasheet HTML 7Page - Samsung semiconductor KS88C0916 Datasheet HTML 8Page - Samsung semiconductor KS88C0916 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PRODUCT OVERVIEW
KS88C0916/P0916 MICROCONTROLLER
1-2
FEATURES
CPU
SAM87 CPU core
Memory
16-Kbyte internal program memory (ROM)
317-byte internal register file
Instruction Set
78 instructions
IDLE and STOP instructions added for power-
down modes
Instruction Execution Time
750 ns at 8-MHz fOSC (minimum)
Interrupts
Six interrupt levels and 18 interrupt sources
15 vectors (14 sources have a dedicated vector
address and four sources share a single vector)
Fast interrupt processing feature (for one
selected interrupt level)
I/O Ports
Three 8-bit I/O ports (P0–P2) and one 2-bit port
(P3) for a total of 26 bit-programmable pins
Twelve input pins for external interrupts
Timers and Timer/Counters
One programmable 8-bit basic timer (BT) for
oscillation stabilization control or watchdog timer
(software reset) function
One 8-bit timer/counter (Timer 0) with three
operating modes; Interval, Capture and PWM
One 16-bit timer/counter (Timer 1) with two
operating modes; Interval and Capture
Carrier Frequency Generator
One 8-bit counter with auto-reload function and
one-shot or repeat control (Counter A)
Operating Temperature Range
•– 20°C to + 85°C
Operating Voltage Range
2.0 V to 5.5 V at 4 MHz fOSC
2.4 V to 5.5 V at 8 MHz fOSC
Package Type
32-pin SOP
32-pin SDIP


Podobny numer części - KS88C0916

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KS88C01004 SAMSUNG-KS88C01004 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01008 SAMSUNG-KS88C01008 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01104 SAMSUNG-KS88C01104 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01108 SAMSUNG-KS88C01108 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results

Podobny opis - KS88C0916

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01416 SAMSUNG-KS88C01416 Datasheet
291Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com