Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-47266-001 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części SD-47266-001
Szczegółowy opis  0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Natural, Through Hole Shell Tab Length 1.90mm (.075"), 0.25um
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX6 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47266-001 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  SD-47266-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47266-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47266-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-47266-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
0.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47266-001
Product Specification
PS-47152-001
Sales Drawing
SD-47266-001
* High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-47266-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-47266-001 MOLEX6-SD-47266-001 Datasheet
264Kb / 4P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm
SD-47266-001 MOLEX6-SD-47266-001 Datasheet
265Kb / 4P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm (.075"), Gold (Au)
SD-47266-001 MOLEX6-SD-47266-001 Datasheet
264Kb / 4P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm (.075"), 0.25um
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com