Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-47596-004 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-47596-004
Szczegółowy opis  LGA 1156 Back-plate Assembly for Desktop PC, without Screws, Lead-free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX6 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47596-004 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-47596-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47596-004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0475969913
Status:
Active
Description:
LGA 1156 Back-plate Assembly for Desktop PC, without Screws, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-47596-001 (PDF)
General
Product Family
Processor Sockets
Series
47596
Component Type
Back Plate Assembly
Product Name
LGA1156
Physical
Circuits (Loaded)
N/A
Durability (mating cycles max)
20
Material - Metal
Steel
Material - Plating Mating
Nickel
Packaging Type
Tray
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Temperature Range - Operating
-25°C to +100°C
Termination Interface: Style
Screw or Lug
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47596-004
Product Specification
PS-47596-001
Sales Drawing
SD-47596-004
Intel and Nehalem and relevant names are either trademarks or registered trademarks of Intel Corporation
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47596Series
Mates With
Intel* Nehalem Processor
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-47596-004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-47596-004 MOLEX6-SD-47596-004 Datasheet
92Kb / 2P
   LGA 1156 Back-plate Assembly for Desktop PC, without Screws, Lead-free, Halogen-free
More results

Podobny opis - SD-47596-004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0475968813 MOLEX6-0475968813 Datasheet
92Kb / 2P
   LGA 1156 Back-plate Assembly for Desktop PC, without Screws, Lead-free, Halogen-free
0475969923 MOLEX6-0475969923 Datasheet
95Kb / 2P
   LGA 1156 Back-plate Assembly for 1U Server, without Screws, Lead-free
0475968823 MOLEX6-0475968823 Datasheet
95Kb / 2P
    LGA 1156 Back-plate Assembly for 1U Server, without Screws, Lead-free, Halogenfree
0475969930 MOLEX6-0475969930 Datasheet
109Kb / 2P
   LGA 1156 Back-plate Assembly, Shoulder Screw and 2 Pan Screws for Desktop PC, Lead-free
0475968830 MOLEX6-0475968830 Datasheet
109Kb / 2P
   LGA 1156 Back-plate Assembly, Shoulder Screw and 2 Pan Screws for Desktop PC, Lead-free, Halogen-free
0475969933 MOLEX6-0475969933 Datasheet
113Kb / 2P
   LGA 1156 Back-plate Assembly, Shoulder Screw and 2 Pan Screws for 1U Server, Lead-free
0475968814 MOLEX6-0475968814 Datasheet
129Kb / 2P
   LGA 1156 ILM and Back-plate Assembly for Desktop PC, Shepherd Hook Lever, Leadfree, Halogen-free
0475968833 MOLEX6-0475968833 Datasheet
113Kb / 2P
   LGA 1156 Back-plate Assembly, Shoulder Screw and 2 Pan Screws for 1U Server, Lead-free, Halogen-free
0475969914 MOLEX6-0475969914 Datasheet
129Kb / 2P
    LGA 1156 ILM and Back-plate Assembly for Desktop PC, Shepherd Hook Lever, Leadfree
0475976001 MOLEX6-0475976001 Datasheet
97Kb / 2P
   LGA 1156 Shoulder Screw for Desktop PC, 6.00mm (.236") Thread, Lead-free
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com