Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74029-6000 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części 74029-6000
Szczegółowy opis  2.00mm (.079) Pitch VHDM짰 Board-to-Board Backplane Receptacle Power Module, Vertical, 6-Row, 2 Circuits, Gold (Au) Selective 0.76關m (30關)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74029-6000 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  74029-6000 Datasheet HTML 1Page - Molex Electronics Ltd. 74029-6000 Datasheet HTML 2Page - Molex Electronics Ltd. 74029-6000 Datasheet HTML 3Page - Molex Electronics Ltd. 74029-6000 Datasheet HTML 4Page - Molex Electronics Ltd. 74029-6000 Datasheet HTML 5Page - Molex Electronics Ltd. 74029-6000 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Plating min: Termination (µin)
15
Plating min: Termination (µm)
0.375
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
10A
Data Rate
2.5 Gbps
Real Signals (per 25mm)
72
Shielded
No
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0876
Product Specification
PS-74031-999
Sales Drawing
SD-74029-006, SD-74029-011
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 74029-6000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74029-6000 MOLEX-74029-6000 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results

Podobny opis - 74029-6000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0740298400 MOLEX8-0740298400 Datasheet
237Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Receptacle Power Module,Vertical, 8-Row, 2 Circuits, Pin 2 Voided, Gold (Au) Selective 0.76關m (30關")
0740298000 MOLEX8-0740298000 Datasheet
237Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Receptacle Power ModuleVertical, 8-Row, 3 Circuits, Gold (Au) Selective 0.76關m (30關")
0736560180 MOLEX8-0736560180 Datasheet
399Kb / 7P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Power Module, Vertical, SMC,Power Receptacle, 2 Circuits, Gold (Au) 0.76關m (30關")
0751170018 MOLEX9-0751170018 Datasheet
504Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 400 Circuits, 0.76關m (30關) Gold (Au)
0751179118 MOLEX9-0751179118 Datasheet
506Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 80 Circuits, 0.76關m (30關) Gold (Au)
0751179018 MOLEX9-0751179018 Datasheet
506Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 400 Circuits, 0.76關m (30關) Gold (Au)
0751179218 MOLEX9-0751179218 Datasheet
506Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 200 Circuits, 0.76關m (30關) Gold (Au)
0751170118 MOLEX9-0751170118 Datasheet
504Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 80 Circuits, 0.76關m (30關) Gold (Au)
0736565001 MOLEX8-0736565001 Datasheet
403Kb / 7P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Power Module, Vertical, SMCPower Receptacle, 3 Circuits, Gold (Au) 0.76關m (30關")
0736560000 MOLEX8-0736560000 Datasheet
355Kb / 6P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Power Module, Vertical, SMCPower Receptacle, 3 Circuits, Gold (Au) 0.76關m (30關")
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com