Zakładka z wyszukiwarką danych komponentów |
|
74323-2111 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd. |
|
74323-2111 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 04/05/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0743232111 Status: Active Description: MicroCross™ DVI Analog, High Volume Plug Connector Sub-assembly, for PCB Mount, Vertical, Gold (Au) Flash, 23 Circuits, Lead Free Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-74320-001 (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family I/O Connectors Series 74323 Application Wire-to-Board Comments DDWG (Digital Display Working Group) Standard Component Type I/O Plug Connector Subassembly Product Name MicroCross™DVI Type N/A Physical Boot Color N/A Circuits (Loaded) 23 Circuits (maximum) 29 Circuits Detail Circuits 1-2,6-8,14-16,17-18,23-24; C1-C5 are loaded Color - Resin Black Durability (mating cycles max) 100 Flammability 94V-0 Keying to Mating Part Yes Lock to Mating Part Yes Material - Metal Copper Alloy Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 3 Orientation Vertical PCB Retention None Packaging Type Tray Panel Mount N/A Pitch - Mating Interface (in) 0.075 In, 0.100 In Pitch - Mating Interface (mm) 1.90 mm, 2.54 mm Pitch - Term. Interface (in) 0.075 In, 0.100 In Pitch - Term. Interface (mm) 1.90 mm, 2.54 mm Plating min: Mating (µin) 10 Plating min: Mating (µm) 0.25 Plating min: Termination (µin) 150 Plating min: Termination (µm) 3.80 Polarized to Mating Part Yes Polarized to PCB Yes Ports 1 Temperature Range - Operating -20°C to +85°C Termination Interface: Style Solder or Weld Waterproof / Dustproof No Wire Size AWG N/A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 74323Series Mates With Other receptacle components, 74320 DVI Receptacle, 67351 DVI Receptacle |
Podobny numer części - 74323-2111 |
|
Podobny opis - 74323-2111 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |