Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74323-2031 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części 74323-2031
Szczegółowy opis  MicroCross??DVI Digital/Analog Single Link Component, High Volume Plug ConnectorSub-assembly, Vertical, Gold (Au) Flash, 23 Circuits, Lead Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74323-2031 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  74323-2031 Datasheet HTML 1Page - Molex Electronics Ltd. 74323-2031 Datasheet HTML 2Page - Molex Electronics Ltd. 74323-2031 Datasheet HTML 3Page - Molex Electronics Ltd. 74323-2031 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-74323-003
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 74323-2031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74323-2033 MOLEX8-74323-2033 Datasheet
226Kb / 4P
   MicroCross??DVI Digital/Analog Dual Link Component, Gold (Au) Flash, High VolumePlug Connector Sub-assembly, Vertical, 29 Circuits, Lead Free
74323-2034 MOLEX8-74323-2034 Datasheet
226Kb / 4P
   MicroCross??DVI Digital/Analog Dual Link Component, High Volume Plug ConnectorSub-assembly, Vertical, Gold (Au) 0.76關m(30關"), 29 Circuits, Lead Free
More results

Podobny opis - 74323-2031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0743232034 MOLEX8-0743232034 Datasheet
226Kb / 4P
   MicroCross??DVI Digital/Analog Dual Link Component, High Volume Plug ConnectorSub-assembly, Vertical, Gold (Au) 0.76關m(30關"), 29 Circuits, Lead Free
0743232111 MOLEX8-0743232111 Datasheet
453Kb / 5P
   MicroCross??DVI Analog, High Volume Plug Connector Sub-assembly, for PCBMount, Vertical, Gold (Au) Flash, 23 Circuits, Lead Free
0743232033 MOLEX8-0743232033 Datasheet
226Kb / 4P
   MicroCross??DVI Digital/Analog Dual Link Component, Gold (Au) Flash, High VolumePlug Connector Sub-assembly, Vertical, 29 Circuits, Lead Free
0743232003 MOLEX8-0743232003 Datasheet
225Kb / 4P
   MicroCross??DVI Digital Dual Link Component, High Volume Plug Connector Subassembly,Vertical, Gold (Au) Flash, with key, 24 Circuits, Lead Free
0743232061 MOLEX8-0743232061 Datasheet
221Kb / 4P
   MicroCross??DVI Analog, Single Link, High Volume Plug Connector Sub- assemblyESD Type, Vertical, Gold (Au) Flash, 17 Circuits, Lead Free
0743232051 MOLEX8-0743232051 Datasheet
221Kb / 4P
   MicroCross??DVI Digital Single Link, High Volume Plug Connector Sub- assemblyESD Type, Gold (Au) Flash, Vertical, with key, 18 Circuits, Lead Free
0743232011 MOLEX8-0743232011 Datasheet
224Kb / 4P
   MicroCross??DVI Analog, High Volume Plug Connector Sub-assembly, Vertical, GoldAu) Flash, 17 Circuits, Lead Free
0743232131 MOLEX8-0743232131 Datasheet
445Kb / 5P
   MicroCross??DVI-I Integrated Digital/Analog Single Channel High Volume PlugConnector Sub-assembly, for PCB Mount, Vertical, Gold (Au) Flash, 23 Circuits, Lead
0743232101 MOLEX8-0743232101 Datasheet
445Kb / 5P
   MicroCross??DVI Digital Single Channel, High Volume Plug Connector Sub- assembly,for PCB Mount, Gold (Au) Flash, Vertical, with key, 18 Circuits, Lead Free
0743232004 MOLEX8-0743232004 Datasheet
225Kb / 4P
   MicroCross??DVI Digital Dual Link Component, High Volume Plug Connector SubassemblyVertical, 0.76關m (30關") Gold (Au), with key, 24 Circuits, Lead Free
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com