Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7433-70061 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części 7433-70061
Szczegółowy opis  0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Anglewith or without Enhanced Shield, Version 4 Footprint, 136 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

7433-70061 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  7433-70061 Datasheet HTML 1Page - Molex Electronics Ltd. 7433-70061 Datasheet HTML 2Page - Molex Electronics Ltd. 7433-70061 Datasheet HTML 3Page - Molex Electronics Ltd. 7433-70061 Datasheet HTML 4Page - Molex Electronics Ltd. 7433-70061 Datasheet HTML 5Page - Molex Electronics Ltd. 7433-70061 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ports
2
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
0.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
245
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74337-001
Product Specification
PS-71425-9999
Sales Drawing
SD-74337-014
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 7433-70061

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
7433 FAIRCHILD-7433 Datasheet
59Kb / 5P
   Quad 2-Input OR Gate
logo
Myrra
74330 MYRRA-74330 Datasheet
114Kb / 1P
   COMMON MODE CHOKE
74331 MYRRA-74331 Datasheet
114Kb / 1P
   COMMON MODE CHOKE
74332 MYRRA-74332 Datasheet
114Kb / 1P
   COMMON MODE CHOKE
74333 MYRRA-74333 Datasheet
114Kb / 1P
   COMMON MODE CHOKE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com