Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74095-0050 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części 74095-0050
Szczegółowy opis  2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 20 Circuits0.38關m (15關") Gold (Au) Selective Plating over Tin (Sn) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74095-0050 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  74095-0050 Datasheet HTML 1Page - Molex Electronics Ltd. 74095-0050 Datasheet HTML 2Page - Molex Electronics Ltd. 74095-0050 Datasheet HTML 3Page - Molex Electronics Ltd. 74095-0050 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-70400, PS-74095-001
Sales Drawing
SD-74095-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 74095-0050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74095-0055 MOLEX-74095-0055 Datasheet
156Kb / 2P
   SL??(Stackable Linear) Compliant Pin Header
74095-0055 MOLEX8-74095-0055 Datasheet
221Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 25 Circuits0.38關m (15關") Gold (Au) Selective Plating over Tin (Sn) Plating
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com