Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74026-6430 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 74026-6430
Szczegółowy opis  2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle,6-Row, 2 Blade Power Module, 1 Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74026-6430 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  74026-6430 Datasheet HTML 1Page - Molex Electronics Ltd. 74026-6430 Datasheet HTML 2Page - Molex Electronics Ltd. 74026-6430 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740266430
Status:
Active
Overview:
vhdm
Description:
2.00mm (.079") Pitch VHDM® Board-to-Board Daughtercard Receptacle, Right Angle,
6-Row, 2 Blade Power Module, 1 Circuit
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Backplane Connectors
Series
74026
Application
Daughtercard
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Daughtercard Receptacle Module, Power, 2-Blade
Component Type
Power Receptacle
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
1
Circuits (maximum)
2
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Right Angle
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
35.2
Plating min: Termination (µm)
0.88
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
10A
Data Rate
2.5 Gbps
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74026Series
Mates With
74029 VHDM® Board-to-Board Backplane
Receptacle Power Module


Podobny numer części - 74026-6430

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74026-6410 MOLEX8-74026-6410 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle6-Row, 2 Blade Power Module, 1 Circuit
74026-6420 MOLEX8-74026-6420 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle6-Row, 2 Blade Power Module, 1 Circuit
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com