Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74041-2001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 74041-2001
Szczegółowy opis  2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughter card Receptacle, Right Angle8 Circuits, 8-Row, Tin/Lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74041-2001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  74041-2001 Datasheet HTML 1Page - Molex Electronics Ltd. 74041-2001 Datasheet HTML 2Page - Molex Electronics Ltd. 74041-2001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740412001
Status:
Active
Overview:
vhdm_h
Description:
2.00mm (.079") Pitch VHDM® Board-to-Board Daughter card Receptacle, Right Angle,
8 Circuits, 8-Row, Tin/Lead
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
74041
Application
Daughtercard
Component Type
PCB Receptacle
Overview
vhdm_h
Product Name
VHDM® - H Series
Style
N/A
Physical
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
1
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Right Angle
PC Tail Length (in)
0.072 In
PC Tail Length (mm)
1.83 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.089 In
Pitch - Term. Interface (mm)
2.25 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74041Series


Podobny numer części - 74041-2001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74041-0001 MOLEX8-74041-0001 Datasheet
226Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, Custom, 74040
74041-3001 MOLEX8-74041-3001 Datasheet
201Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughter card Receptacle, Right Angle8 Circuits, 8-Row, Lead Free
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com