Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74139-5040 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 74139-5040
Szczegółowy opis  1.27mm (.050") Pitch EBBI??50D Plug, Surface Mount, Vertical, 40 Circuits, 3.00mm(.118") Retention Clip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74139-5040 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  74139-5040 Datasheet HTML 1Page - Molex Electronics Ltd. 74139-5040 Datasheet HTML 2Page - Molex Electronics Ltd. 74139-5040 Datasheet HTML 3Page - Molex Electronics Ltd. 74139-5040 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0741395040
Status:
Active
Description:
1.27mm (.050") Pitch EBBI™ 50D Plug, Surface Mount, Vertical, 40 Circuits, 3.00mm
(.118") Retention Clip
Documents:
3D Model
Product Specification PS-71660 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
74139
Application
Board-to-Board, Wire-to-Board
Product Name
EBBI™
Physical
Breakaway
No
Circuits (Loaded)
40
Circuits (maximum)
40
Color - Resin
Black
Durability (mating cycles max)
500
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.25
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74139Series
Mates With
71660 , 87552


Podobny numer części - 74139-5040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74139-5030 MOLEX8-74139-5030 Datasheet
170Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Surface Mount, Vertical, 30 Circuits, 3.00mm (.118") Retention Clip
74139-5031 MOLEX8-74139-5031 Datasheet
170Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Plug, Surface Mount, Vertical, 30 Circuits, 4.37mm (.172") Retention Clip
74139-5050 MOLEX8-74139-5050 Datasheet
170Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Surface Mount, Vertical, 50 Circuits, 3.00mm(.118") Retention Clip
74139-5060 MOLEX8-74139-5060 Datasheet
170Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Surface Mount, Vertical, 60 Circuits, 3.00mm(.118") Retention Clip
74139-5068 MOLEX8-74139-5068 Datasheet
170Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Surface Mount, Vertical, 68 Circuits, 3.00mm(.118") Retention Clip
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com