Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8033S Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SI-8033S
Szczegółowy opis  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8033S Arkusz danych(HTML) 2 Page - Sanken electric

  SI-8033S Datasheet HTML 1Page - Sanken electric SI-8033S Datasheet HTML 2Page - Sanken electric SI-8033S Datasheet HTML 3Page - Sanken electric SI-8033S Datasheet HTML 4Page - Sanken electric SI-8033S Datasheet HTML 5Page - Sanken electric SI-8033S Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
81
Unit
V
%
kHZ
mV
mV
mV/
°C
dB
A
qSI-8000S Series
q VIN
w SWOUT
e GND
r VOS
t S.S
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 2.3g
Forming No. 1101
sOutline Drawing
sElectrical Characteristics
(Ta=25
°C)
(unit: mm)
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
3.2±0.2
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2
φ
Part Number
Lot Number
Parameter
Output Voltage
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Ripple Rejection
Overcurrent Protection
Starting Current
Ratings
SI-8033S
SI-8050S
SI-8090S
SI-8120S
SI-8150S
min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max.
3.17
3.30
3.43
4.80
5.00
5.20
8.55
9.00
9.45
11.50 12.00 12.50 14.25 15.00 15.75
3.234
3.30
3.366
4.90
5.00
5.10
8.73
9.00
9.27
VIN=15V, IO=1.0A
VIN=20V, IO=1.0A
VIN=21V, IO=1.0A
VIN=24V, IO=1.0A
VIN=25V, IO=1.0A
79
84
88
90
91
VIN=15V, IO=1.0A
VIN=20V, IO=1.0A
VIN=21V, IO=1.0A
VIN=24V, IO=1.0A
VIN=25V, IO=1.0A
60
60
60
60
60
VIN=15V, IO=1.0A
VIN=20V, IO=1.0A
VIN=21V, IO=1.0A
VIN=24V, IO=1.0A
VIN=25V, IO=1.0A
25
80
40
100
50
120
60
130
60
130
VIN=8 to 28V, IO=1.0A
VIN=10 to 30V, IO=1.0A VIN=15 to 30V, IO=1.0A VIN=18 to 30V, IO=1.0A VIN=21 to 30V, IO=1.0A
10
30
10
40
10
40
10
40
10
40
VIN=15V, IO=0.5 to 1.5A
VIN=20V, IO=0.5 to 1.5A
VIN=21V, IO=0.5 to 1.5A
VIN=24V, IO=0.5 to 1.5A
VIN=25V, IO=0.5 to 1.5A
±0.5
±0.5
±1.0
±1.0
±1.0
45
45
–45
45
45
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
3.1
3.1
3.1
3.1
3.1
VIN=15V
VIN=20V
VIN=21V
VIN=24V
VIN=25V
Symbol
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
RREJ
Conditions
IS1
Conditions
SI-8000S *1
SI-8000SS
*1: "S" may be indicated to the right of the Sanken logo.


Podobny numer części - SI-8033S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8033S SANKEN-SI-8033S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8033SD SANKEN-SI-8033SD Datasheet
455Kb / 5P
   Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results

Podobny opis - SI-8033S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com