Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-501745-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-501745-001
Szczegółowy opis  0.40mm (.016") Pitch SlimStack Board-to-Board Plug, Surface Mount, Dual Row, Vertical, Lead-free, 34 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501745-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-501745-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501745-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501745-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-501745-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-501745-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-501745-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-501745-001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5017450341
Status:
Active
Overview:
slimstack_mm016_pitch
Description:
0.40mm (.016") Pitch SlimStack™ Board-to-Board Plug, Surface Mount, Dual Row,
Vertical, Lead-free, 34 Circuits
Documents:
3D Model
Product Specification RSD-501745-004 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51338-003 (PDF)
General
Product Family
PCB Headers
Series
501745
Application
Board-to-Board
Comments
Solder Tab Plating: Tin
Overview
slimstack_mm016_pitch
Product Name
SlimStack™
Physical
Breakaway
No
Circuits (Loaded)
34
Color - Resin
Black
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.079 In
Mated Height (mm)
2.00 mm
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Polarized to Mating Part
No
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.3A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501745-001
Product Specification
PS-51338-003, RPS-51338-029, RSD-501745-004
Sales Drawing
SD-501745-001, SD-501745-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501745Series
Mates With
51338 PCB Receptacle


Podobny numer części - SD-501745-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-501745-001 MOLEX11-SD-501745-001 Datasheet
411Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board Plug, Surface Mount, Dual Row, Vertical
SD-501745-001 MOLEX11-SD-501745-001 Datasheet
411Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board Plug, Surface Mount, Dual Row, Vertical
SD-501745-001 MOLEX11-SD-501745-001 Datasheet
275Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board Plug, Surface Mount, Dual Row, Vertical, Lead-free, 80 Circuits
SD-501745-001 MOLEX11-SD-501745-001 Datasheet
411Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board Plug, Surface Mount, Dual Row, Vertical, Lead-free, 40 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com