Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-130094-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-130094-001
Szczegółowy opis  Support Grips for Fiber Optics, Closed Mesh, Single Eye, Bale Length 6", Cable Diameter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130094-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-130094-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130094-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300940526
Status:
Active
Overview:
brad_wire_mesh_grips
Description:
Support Grips for Fiber Optics, Closed Mesh, Single Eye, Bale Length 6", Cable
Diameter 11.68-14.73mm (.460-.580")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Single eye
Insulated
No
O-Ring
No
Overview
brad_wire_mesh_grips
Product Name
Fiber Optic
Type
Strain Relief Grips
Woodhead
Yes
Physical
Approximate Break Strength
400 lbs
Bale Length
0.152m (6.00")
Body Style
N/A
Cable Diameter
11.68-14.73mm (.460-.580")
Color - Grommet
N/A
Gender
N/A
Material - Body
Aluminum
Material - Grip
Non-magnetic Tin Bronze Wire
Mesh Length
0.102m (4.00")
Number of Holes
N/A
Strain Relief Force
35 lbs
Thread Size
N/A
Material Info
Old Part Number
36674
Reference - Drawing Numbers
Sales Drawing
SD-130094-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-130094-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-130094-001 MOLEX11-SD-130094-001 Datasheet
137Kb / 2P
   Support Grips for Fiber Optics, Closed Mesh, Single Eye, Bale Length 4", Cable Diameter 7.62-9.91mm
SD-130094-001 MOLEX11-SD-130094-001 Datasheet
137Kb / 2P
   Support Grips for Fiber Optics, Closed Mesh, Single Eye, Bale Length 7", Cable Diameter 14.22-18.03mm (.560-.710")
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com