Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-120066-020 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części SD-120066-020
Szczegółowy opis  Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120066-020 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  SD-120066-020 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 3Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-120066-020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
More results

Podobny opis - SD-120066-020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
1200660883 MOLEX11-1200660883 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
1200660881 MOLEX11-1200660881 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
1200660891 MOLEX11-1200660891 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
1200660887 MOLEX11-1200660887 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
1200660905 MOLEX-1200660905 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 14.0m (13.12) Length
02/01/2023
1200660908 MOLEX-1200660908 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 17.0m (55.76) Length
02/01/2023
1200660907 MOLEX-1200660907 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 16.0m (52.49) Length
02/14/2023
1200660901 MOLEX-1200660901 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 9.0m (29.53) Length
01/31/2023
1200660880 MOLEX-1200660880 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 0.60m (1.97) Length
02/01/2023
1200660878 MOLEX-1200660878 Datasheet
43Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 0.305m (1.0) Length
02/13/2023
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com