Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-130006-021 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-130006-021
Szczegółowy opis  Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, 9.0m (29.53 ) Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130006-021 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-130006-021 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130006-021 Datasheet HTML 2Page - Molex Electronics Ltd. SD-130006-021 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300060043
Status:
Active
Overview:
minichange_products
Description:
Mini-Change® A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, 9.0m
(29.53' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E152210
General
Product Family
Industrial Cordsets
Series
130006
Comments
A-Size (7/8" - 16 UN-2B)
Connector End A
Mini-Change®
Connector End B
Pigtail
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
minichange_products
Product Name
Mini-Change®
Type
Single Ended
Physical
Cable Diameter
12.70mm (.500")
Cable Length
9.0m (29.53' )
Color - Cable Jacket
Yellow
Coupling Style
Threaded
Gender
Female-Pigtail
Keyway
Single
LED Indicator
No
Material - Cable Jacket
PVC
Material - Connector Body
PVC
Material - Contact
Copper
Material - Coupling Nut
Black Epoxy Coated Zinc
Material - Plating Mating
Gold over Nickel
Orientation
Straight
Poles
5
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
16
Wire/Cable Type
STOOW
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
600V
Material Info
Old Part Number
105000A02F090
Reference - Drawing Numbers
Sales Drawing
SD-130006-021
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130006Series
This document was generated on 05/31/2010


Podobny numer części - SD-130006-021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-130006-021 MOLEX11-SD-130006-021 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
More results

Podobny opis - SD-130006-021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
1300061247 MOLEX11-1300061247 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300061309 MOLEX11-1300061309 Datasheet
146Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 3.0m (9.84 )
1300061263 MOLEX11-1300061263 Datasheet
158Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300610025 MOLEX11-1300610025 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300610030 MOLEX11-1300610030 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300061356 MOLEX11-1300061356 Datasheet
165Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight Female to Pigtail, 5 Poles, 4.57M (15.0 ) Length
1300061384 MOLEX11-1300061384 Datasheet
157Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight, Female to Pigtail, 5 Poles,4.57m (15.0 ) Length
1300060287 MOLEX11-1300060287 Datasheet
178Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 15.0m (49.21 ) Length
1300060308 MOLEX11-1300060308 Datasheet
155Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 15.0m (49.21 ) Length
1300060374 MOLEX11-1300060374 Datasheet
175Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 30.0m (98.40 ) Length
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com