Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-120090-005 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części SD-120090-005
Szczegółowy opis  Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting Pins
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120090-005 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  SD-120090-005 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120090-005 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
M8 MALE RECEPTACLES-
BACK-PIN
M8 GERAETEST. BACK-PIN
METRIC
2:1
MM
SD-120090-005
BB
JKO
FP
DATE
DATE
DATE
2009/06/26
2009/08/05
2009/08/05
---
---
---
---
0.1
0.05
---
---
----
1
FIRST ANGLE
PROJECTION
0
4
1 OF 1
see table


Podobny numer części - SD-120090-005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-120090-005 MOLEX11-SD-120090-005 Datasheet
99Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
SD-120090-005 MOLEX11-SD-120090-005 Datasheet
99Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
More results

Podobny opis - SD-120090-005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
1200905072 MOLEX-1200905072_V01 Datasheet
37Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight)with Back Mounting Pins
1200905080 MOLEX-1200905080_V01 Datasheet
38Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight) with Back Mounting Pins
1200905077 MOLEX-1200905077_V01 Datasheet
37Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight)with Back Mounting Pins
1200905080 MOLEX11-1200905080 Datasheet
99Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
1200905077 MOLEX11-1200905077 Datasheet
99Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
1200905078 MOLEX11-1200905078 Datasheet
110Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male 0.20m (7.87") Length, Back
1200905078 MOLEX-1200905078_V01 Datasheet
28Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight) to Leads
1200905073 MOLEX-1200905073_V01 Datasheet
28Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight) to Leads
1200900009 MOLEX-1200900009 Datasheet
28Kb / 1P
   Nano-Change (M8) Receptacle, 3 Poles, M8 x 1.0 Mounting Threads, Male
1200905073 MOLEX11-1200905073 Datasheet
110Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male 0.30m (11.81") Length
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com