Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD0926 Arkusz danych(PDF) 2 Page - BeRex Corporation

Numer części BD0926
Szczegółowy opis  Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEREX [BeRex Corporation]
Strona internetowa  http://www.berex.com
Logo BEREX - BeRex Corporation

BD0926 Arkusz danych(HTML) 2 Page - BeRex Corporation

  BD0926 Datasheet HTML 1Page - BeRex Corporation BD0926 Datasheet HTML 2Page - BeRex Corporation BD0926 Datasheet HTML 3Page - BeRex Corporation BD0926 Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BeRex
BD0926
http: //www.berex.com
Evaluation Board Drawing
Function Block Diagram
Pins 2,4 and 6 must be DC and RF grounded.
Typical Test Data
Parameters
Unit
Cellular & GSM900
Frequency Range
MHz
700
750
800
850
900
950
1000
Insertion Loss
dB
0.54
0.55
0.55
0.57
0.59
0.63
0.70
Isolation
dB
17.39
22.03
30.99
31.43
23.06
18.99
16.37
IRL(S11)
dB
-16.30
-17.18
-17.68
-17.87
-17.30
-16.15
-14.75
ORL(S22,S33)
dB
-27.8
-25.66
-22.59
-20.03
-18.20
-16.69
-15.50
Phase Diff.
deg
0.13
0.22
0.23
0.23
0.24
0.41
0.42
Amplitude Balance
dB
0.01
0.01
0.01
0.01
0.02
0.02
0.02
Insertion Loss vs. Frequency
Isolation vs. Frequency
-6
-5
-4
-3
-2
-1
0
700
800
900
1000
Freq [MHz]
S21
-40
-35
-30
-25
-20
-15
-10
-5
0
700
800
900
1000
Freq [MHz]
Isolation


Podobny numer części - BD0926

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BD0926 BEREX-BD0926 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926 Datasheet
478Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_1 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_14 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
More results

Podobny opis - BD0926

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BD09B BEREX-BD09B Datasheet
262Kb / 5P
   Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
BD0926 BEREX-BD0926_14 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_18 Datasheet
559Kb / 6P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_18 Datasheet
478Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_1 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
logo
M/A-COM Technology Solu...
MAPD-007874-C20960 MA-COM-MAPD-007874-C20960 Datasheet
98Kb / 4P
   2 Way Power Divider 40-1000MHz
logo
BeRex Corporation
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com