Zakładka z wyszukiwarką danych komponentów |
|
TS3V340PWRG4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
TS3V340PWRG4 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 30 page TS3V340 QUAD SPDT HIGHBANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ONSTATE RESISTANCE SCDS172A - JULY 2004 − REVISED DECEMBER 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Low Differential Gain and Phase (DG = 0.2%, DP = 0.1° Typ) D Wide Bandwidth (BW = 500 MHz Typ) D Low Crosstalk (XTALK = −80 dB Typ) D Bidirectional Data Flow, With Near-Zero Propagation Delay D Low and Flat ON-State Resistance (ron = 3 Ω Typ, ron(flat) = 1 Ω Typ) D VCC Operating Range From 3 V to 3.6 V D Ioff Supports Partial-Power-Down Mode Operation D Data and Control Inputs Provide Undershoot Clamp Diode D Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II D ESD Performance Tested Per JESD 22 − 2000-V Human-Body Model (A114-B, Class II) − 1000-V Charged-Device Model (C101) D Suitable for Both RGB and Composite Video Switching description/ordering information The TI video switch TS3V340 is a 4-bit 1-of-2 multiplexer/demultiplexer with a single switch-enable (EN) input. When EN is low, the switch is enabled, and the D port is connected to the S port. When EN is high, the switch is disabled, and the high-impedance state exists between the D and S ports. The select (IN) input controls the data path of the multiplexer/demultiplexer. Low differential gain and phase makes this switch ideal for composite and RGB video applications. The device has a wide bandwidth and low crosstalk, making it suitable for high-frequency applications as well. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING QFN − RGY Tape and reel TS3V340RGYR TF340 SOIC − D Tube TS3V340D TS3V340 SOIC − D Tape and reel TS3V340DR TS3V340 −40 °C to 85°C SSOP (QSOP) − DBQ Tape and reel TS3V340DBQR TF340 −40 C to 85 C TSSOP − PW Tube TS3V340PW TF340 TSSOP − PW Tape and reel TS3V340PWR TF340 TVSOP − DGV Tape and reel TS3V340DGVR TF340 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2004, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. D, DBQ, DGV, OR PW PACKAGE (TOP VIEW) RGY PACKAGE (TOP VIEW) 116 89 2 3 4 5 6 7 15 14 13 12 11 10 EN S1D S2D DD S1C S2C S1A S2A DA S1B S2B DB 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 IN S1A S2A DA S1B S2B DB GND VCC EN S1D S2D DD S1C S2C DC PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - TS3V340PWRG4 |
|
Podobny opis - TS3V340PWRG4 |