Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12022MA Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL12022MA
Szczegółowy opis  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MA Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL12022MA Datasheet HTML 3Page - Intersil Corporation ISL12022MA Datasheet HTML 4Page - Intersil Corporation ISL12022MA Datasheet HTML 5Page - Intersil Corporation ISL12022MA Datasheet HTML 6Page - Intersil Corporation ISL12022MA Datasheet HTML 7Page - Intersil Corporation ISL12022MA Datasheet HTML 8Page - Intersil Corporation ISL12022MA Datasheet HTML 9Page - Intersil Corporation ISL12022MA Datasheet HTML 10Page - Intersil Corporation ISL12022MA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ISL12022MA
7
FN7575.1
July 9, 2010
tSU:DAT Input Data Setup Time From SDA exiting the 30% to 70%
of VDD window, to SCL rising edge
crossing 30% of VDD.
100
ns
tHD:DAT Input Data Hold Time From SCL falling edge crossing 30%
of VDD to SDA entering the 30% to
70% of VDD window.
20
900
ns
tSU:STO STOP Condition Setup
Time
From SCL rising edge crossing 70%
of VDD, to SDA rising edge crossing
30% of VDD.
600
ns
tHD:STO STOP Condition Hold
Time
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time From SCL falling edge crossing 30%
of VDD, until SDA enters the 30% to
70% of VDD window.
0
ns
tR
SDA and SCL Rise Time From 30% to 70% of VDD.
20 + 0.1 x Cb
300
ns
13, 14
tF
SDA and SCL Fall Time From 70% to 30% of VDD.
20 + 0.1 x Cb
300
ns
13, 14
Cb
Capacitive Loading of
SDA or SCL
Total on-chip and off-chip
10
400
pF
13, 14
RPU
SDA and SCL Bus Pull-
up Resistor Off-chip
Maximum is determined by tR and
tF.
For Cb = 400pF, max is about
2kΩ~2.5kΩ.
For Cb = 40pF, max is about
15kΩ~20kΩ
1
13, 14
NOTES:
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
8. Specified at +25°C.
9. Temperature Conversion is inactive below VBAT = 2.7V. Device operation is not guaranteed at VBAT <1.8V.
10. IRQ/FOUT inactive.
11. VDD > VBAT +VBATHYS
12. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
13. Limits should be considered typical and are not production tested.
14. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate
specification.
15. Minimum VDD and/or VBAT of 1V to sustain the SRAM. The value is based on characterization and it is not tested.
I2C Interface Specifications Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7) UNITS NOTES


Podobny numer części - ISL12022MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12022MA INTERSIL-ISL12022MA Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022MA INTERSIL-ISL12022MA Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12022MA INTERSIL-ISL12022MA Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MAIBZ RENESAS-ISL12022MAIBZ Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Podobny opis - ISL12022MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com