Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12029 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL12029
Szczegółowy opis  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12029 Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL12029_10 Datasheet HTML 1Page - Intersil Corporation ISL12029_10 Datasheet HTML 2Page - Intersil Corporation ISL12029_10 Datasheet HTML 3Page - Intersil Corporation ISL12029_10 Datasheet HTML 4Page - Intersil Corporation ISL12029_10 Datasheet HTML 5Page - Intersil Corporation ISL12029_10 Datasheet HTML 6Page - Intersil Corporation ISL12029_10 Datasheet HTML 7Page - Intersil Corporation ISL12029_10 Datasheet HTML 8Page - Intersil Corporation ISL12029_10 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
FN6206.9
August 12, 2010
Block Diagram
X1
X2
OSCILLATOR
FREQUENCY
TIMER
LOGIC
DIVIDER
CALENDAR
8
CONTROL/
REGISTERS
1Hz
TIME
KEEPING
REGISTERS
ALARM REGS
COMPARE
RESET
CONTROL
DECODE
LOGIC
ALARM
(EEPROM)
(EEPROM)
SCL
SDA
SERIAL
INTERFACE
DECODER
4k
EEPROM
ARRAY
WATCHDOG
TIMER
LOW VOLTAGE
RESET
REGISTERS
STATUS
(SRAM)
SELECT
VDD
VBACK
32.768kHZ
(SRAM)
BATTERY
CIRCUITRY
SWITCH
OSC COMPENSATION
IRQ/FOUT
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1
X1
The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz
quartz crystal.
2
X2
The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz
quartz crystal.
6
RESET
RESET. This is a reset signal output. This signal notifies a host processor that the “Watchdog” time period has
expired or that the voltage has dropped below a fixed VTRIP threshold. It is an open drain active LOW output.
Recommended value for the pull-up resistor is 5k
Ω. If unused, connect to ground.
7
GND
Ground.
8
SDA
Serial Data (SDA) is a bidirectional pin used to transfer serial data into and out of the device. It has an open drain
output and may be wire OR’ed with other open drain or open collector outputs.
9
SCL
The Serial Clock (SCL) input is used to clock all serial data into and out of the device. The input buffer on this pin is
always active (not gated).
12
IRQ/FOUT
Interrupt Output/Frequency Output is a multi-functional pin that can be used as interrupt or frequency output pin. It
is an open drain output. The function is set via the configuration register.
13
VBAT
This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event that the
VDD supply fails. This pin should be tied to ground if not used.
14
VDD
Power Supply.
3, 4, 5, 10,
11
NC
No Internal Connection.
ISL12029, ISL12029A


Podobny numer części - ISL12029_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

Podobny opis - ISL12029_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com