Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA-QFE64RB-L-Z-T-01 Arkusz danych(PDF) 1 Page - Ironwood Electronics.

Numer części CA-QFE64RB-L-Z-T-01
Szczegółowy opis  Carrier Adaptor (CA) 64 position (1.00mm pitch) QFP zero insertion force (ZIF) socket with test points to 64 position surface mountable QFP emulator foot.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-QFE64RB-L-Z-T-01 Arkusz danych(HTML) 1 Page - Ironwood Electronics.

  CA-QFE64RB-L-Z-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.24mm [0.285"] Assembled
63.5mm 2.500"
48.26mm
1.900"
19.68mm
0.775"
QFE64RA
Footprint
QFE64RB
QFE64RC
QFE64RD
Y
X
Leadless foot dimensions
A
B
QFP package dimensions
CA-QFE64RA-L-Z-T-01
* Part Number
CA-QFE64RB-L-Z-T-01
CA-QFE64RC-L-Z-T-01
CA-QFE64RD-L-Z-T-01
19.6mm [0.772"]
17.2mm [0.677"]
17.9mm [0.705"]
18.8mm [0.740"]
Dim "B"
25.5 mm [1.004"]
23.2mm [0.913"]
23.9mm [0.941"]
24.8mm [0.976"]
Dim "A"
17.65mm [0.695"]
16.13mm [0.635"]
16.89mm [0.665"]
17.65mm [0.695"]
Dim "Y"
23.62mm [0.930"]
22.10mm [0.870"]
22.86mm [0.900"]
23.62mm [0.930"]
Dim "X"
1mm
1mm
Side View
Top View
Status: Released
Drawing: G. Nelson
Scale 3:2
Rev: G
Date: 3/23/95
Modified: 1/28/05, MT
File: CA-QFE064RA-L-Z-T-01 Dwg
CA-QFE64R(x)-L-Z-T-01* Drawing
© 1995 IRO NWO OD ELECTRO NICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics .c om
2
3
1
Description: Carrier Adaptor (CA)
64 position (1.00mm pitch) QFP zero insertion force (ZIF) socket with test points to 64 position surface mountable QFP emulator foot. The 2
piece adaptor interconnects via a gold plated (1.27mm [0.05"] center) Mini-grid socket interface. Emulator foot is leadless and design to attached
to gull-wing QFP pattern.
Pins: material- Brass Alloy 360 1/2 hard; finish- 0.25µ m
[10µ"] Au over 1.27µm [50µ"] Ni (min.).
2
Substrate: 1.59mm ±0.18m m [0.0625" ±0.007"] FR4/G10 or
equivale nt high temp material. 17µm [1/2 oz.] Cu clad. SnPb
plating.
Test points: ma terial- Phosphor Bronz e; plating- Sn ove r
1.27µ m [ 50µ"] Ni. Gold flash on contact end.
3
1
Tolera nce s: diameters ± 0.0 3mm [±0.001”], P CB pe rimete rs ±0.13mm [±0 .0 05”], PCB th icknesses ±0 .18 mm [±0.007"], p itches (from true position) ±0.08mm [±0 .0 03"], all
other toleran ce s ±0.13mm [±0 .00 5”] un less stated otherwise.
Leadless foot
MGA socket


Podobny numer części - CA-QFE64RB-L-Z-T-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
CA-QFE64SA-L-Z-01 IRONWOOD-CA-QFE64SA-L-Z-01 Datasheet
30Kb / 1P
   Carrier Adaptor 64 position (0.8mm pitch) QFP ZIF socket to 64 position surface mountable QFP emulator foot.
CA-QFE64SA-L-Z-T-01 IRONWOOD-CA-QFE64SA-L-Z-T-01 Datasheet
42Kb / 1P
   Carrier Adaptor 64 position (0.8 mm pitch) QFP Zero Insertion Force socket with test points to 64 position surface mountable QFP emulator foot.
CA-QFE64SD-L-N-T-01 IRONWOOD-CA-QFE64SD-L-N-T-01 Datasheet
48Kb / 1P
   Carrier Adaptor 64 position interface board with test points to 64 position surface mountable QFP emulator foot.
More results

Podobny opis - CA-QFE64RB-L-Z-T-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
CA-QFE64SA-L-Z-T-01 IRONWOOD-CA-QFE64SA-L-Z-T-01 Datasheet
42Kb / 1P
   Carrier Adaptor 64 position (0.8 mm pitch) QFP Zero Insertion Force socket with test points to 64 position surface mountable QFP emulator foot.
CA-QFE44SB-L-Z-T-01 IRONWOOD-CA-QFE44SB-L-Z-T-01 Datasheet
22Kb / 1P
   QFP CARRIER ADAPTOR 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP emulator foot.
CA-QFE64SA-L-Z-01 IRONWOOD-CA-QFE64SA-L-Z-01 Datasheet
30Kb / 1P
   Carrier Adaptor 64 position (0.8mm pitch) QFP ZIF socket to 64 position surface mountable QFP emulator foot.
CA-QFE52SB-L-Z-T-01 IRONWOOD-CA-QFE52SB-L-Z-T-01 Datasheet
22Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket with test points to 52 position surface mountable QFP emulator foot.
CA-QFE52SA-M-Z-T-01 IRONWOOD-CA-QFE52SA-M-Z-T-01 Datasheet
20Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket with test points to 52 position surface mountable QFP emulator foot.
CA-QFE64SD-L-N-T-01 IRONWOOD-CA-QFE64SD-L-N-T-01 Datasheet
48Kb / 1P
   Carrier Adaptor 64 position interface board with test points to 64 position surface mountable QFP emulator foot.
CA-QFE44SA-L-Z-T-01 IRONWOOD-CA-QFE44SA-L-Z-T-01 Datasheet
21Kb / 1P
   Carrier Adaptor 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP emulator foot.
CA-QFE52SA-L-Z-01 IRONWOOD-CA-QFE52SA-L-Z-01 Datasheet
17Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket to 52 position surface mountable QFP emulator foot.
CA-QFE44SH-L-Z-T-01 IRONWOOD-CA-QFE44SH-L-Z-T-01 Datasheet
26Kb / 1P
   Carrier Adaptor (CA), QFP 44 position QFP ZIF socket with test points to 44 position QFP surface mount foot (leadless).
CA-QFE52SA-L-Z-T-01 IRONWOOD-CA-QFE52SA-L-Z-T-01 Datasheet
26Kb / 1P
   Carrier Adaptor (CA) 52 position(0.65mm pitch) QFP Zero Insertion Force socket with test points to leadless surface mount foot.
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com