Zakładka z wyszukiwarką danych komponentów |
|
RZ03-1A4-D009 Arkusz danych(PDF) 1 Page - Tyco Electronics |
|
RZ03-1A4-D009 Arkusz danych(HTML) 1 Page - Tyco Electronics |
1 / 4 page Datasheet Rev. IK1 Issued 2009/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical para- meters, test conditions and processing information only to be used together with the 'Definitions' section in the cat- alogue or at schrackrelays.com in the ‘Schrack’ section. Specifications subject to change. General Purpose Relays SCHRACK 1 Power PCB Relay RZ n 1 pole 12 / 16 A, 1 CO or 1 NO contact n DC-coil 400 mW n 5 kV / 10 mm coil-contact, reinforced insulation n Ambient temperature 85°C, HOT version for 105°C n Product in accordance to IEC60335-1 Applications Household appliances, boiler control, timers, garage door control, POS automation F0305-A Approvals V REG.-Nr. C693, Z E214025 Technical data of approved types on request Contact data Contact configuration 1 CO or 1 NO contact Contact set single contact Type of interruption micro disconnection Rated voltage / max. switching voltage AC 250 / 400 VAC Rated current 12 A 16 A Maximum breaking capacity AC 3000 VA 4000 VA Contact material AgNi 90/10 or AgSnO Rated frequency of operation with / without load 6 / 1200 min-1 Operate- / release time DC coil max 8 / 6 ms Bounce time NO / NC contact max 4 / 6 ms Contact ratings Type Contact Load Ambient Cycles temp. [°C] IEC 61810 RZ03-1.4-D... NO 16 A, 250 VAC 85°C 30x103 RZ03-1C4-D... CO 16 A, 250 VAC 85°C 10x103 RZ03-1.4-D... NO 16 A, 250 VAC 70°C 50x103 RZ01-1.4-D... NO 12 A, 250 VAC 85°C 50x103 RZ01-1C4-D... CO 12 A, 250 VAC 85°C 30x103 RZ01-1.4-D... NO 12 A, 250 VAC 70°C 100x103 RZH3-1.4-D... NO 10 A, 250 VAC 105°C 100x103 RZH3-1C4-D... CO 16 A, 250 VAC 105°C 10x103 UL 508 RZ03-1.4-D... NO B300 85°C 6x103 RZ03-1.4-D... NO R300 85°C 6x103 RZ03-1.4-D... NO 1/2 hp, 125 VAC 85°C 6x103 RZ03-1.4-D... NO 1 hp, 277 VAC 85°C 6x103 RZH3-1.4-D... NO 10 A, 250 VAC 105°C 150x103 Approvals in process RZ03-1.3-D... NO 16 A, 250 VAC 85°C 50x103 RZ03-1.3-D... CO 16 A, 250 VAC 85°C 10x103 RZ03-1.3-D... NO 1 hp, 277 VAC 85°C 30x103 Coil data Rated coil voltage range 5...48 VDC Operative range to IEC 61810 standard / HOT-version 2 / 90...110% URTD Coil insulation system according UL1446 class F |
Podobny numer części - RZ03-1A4-D009 |
|
Podobny opis - RZ03-1A4-D009 |