Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21060CFH633Z-TK Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL21060CFH633Z-TK
Szczegółowy opis  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060CFH633Z-TK Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL21060CFH633Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21060CFH633Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21060CFH633Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21060CFH633Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21060CFH633Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21060CFH633Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21060CFH633Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21060CFH633Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21060CFH633Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN6706.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL21060
Precision Reference with Disable
Precision, Low Noise FGA™ Voltage
References
The ISL21060 FGA™ voltage references are low power,
high precision voltage references fabricated on Intersil’s
proprietary Floating Gate Analog technology. A new disable
feature allows the device to shut down the output and reduce
supply current drain from 15µA operating to <500nA.
The ISL21060 family features guaranteed initial accuracy as
low as ±1.0mV with drift down to 10ppm/°C. Noise is
typically 10µVP-P (10Hz BW). This combination of high initial
accuracy, low power and low output noise performance of
the ISL21060 enables versatile high performance control
and data acquisition applications with low power
consumption.
Pinout
ISL21060
(6 LD SOT-23)
TOP VIEW
Features
• Reference Output Voltage . . . . . . . . . . . . 2.048V, 2.500V,
3.000V, 3.300V, 4.096V
• Initial Accuracy . . . . . . . . . . . . . . . . . . . ..±1.0mV, ±2.5mV
• Input Voltage Range
- ISL21060-20 . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
- ISL21060-25 . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
- ISL21060-30 . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL21060-33 . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
- ISL21060-41 . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 5.5V
• Output Voltage Noise . . . . . . . . . 10µVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . .40µA (Max)
• Tempco. . . . . . . . . . . . . . . . . . . . . . . 10ppm/°C, 25ppm/°C
• Output Current Capability. . . . . . . . . . . . . . +10.0mA/-5mA
• Operating Temperature Range. . . . . . . . . -40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Ld SOT-23
• Pb-Free (RoHS compliant)
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Basestations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment
VOUTS
5
VOUTF
VIN
NC
GND
EN
1
2
3
4
6
Data Sheet
December 16, 2008


Podobny numer części - ISL21060CFH633Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21060CFH633Z-TK INTERSIL-ISL21060CFH633Z-TK Datasheet
2Mb / 20P
   Precision Reference with Disable
logo
Renesas Technology Corp
ISL21060CFH633Z-TK RENESAS-ISL21060CFH633Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

Podobny opis - ISL21060CFH633Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com