Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28133FRUZ-T7 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL28133FRUZ-T7
Szczegółowy opis  Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133FRUZ-T7 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL28133FRUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28133FRUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28133FRUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28133FRUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28133FRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28133FRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28133FRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28133FRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28133FRUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN6560.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL28133, ISL28233, ISL28433
Single, Dual, and Quad Micropower,
Zero-Drift, RRIO Operational Amplifiers
The ISL28133, ISL28233 are single and dual micropower,
zero-drift operational amplifiers that are optimized for single
supply operation from 1.65V to 5.5V. Their low supply
current of 18µA and wide input range enable the ISL28133
to be an excellent general purpose op amp for a range of
applications. The ISL28133 is ideal for handheld devices
that operates off 2 AA or single Li-ion batteries.
The ISL28133 is available in the 5 Ld SOT-23, the 5 Ld
SC70 and the 6 Ld 1.6mmx1.6mm µTDFN packages. All
devices operates over the extended temperature range of
-40°C to +125°C.
Features
• Low Input Offset Voltage . . . . . . . . . . . . . . . . . . 8µV, Max.
• Low Offset Drift. . . . . . . . . . . . . . . . . . . . 0.075µV/°C, Max
• Quiescent Current . . . . . . . . . . . . . . . . . . . . . . 18µA, Typ.
• Wide Supply Range . . . . . . . . . . . . . . . . . . . 1.65V to 5.5V
• Low Noise (0.01Hz to 10Hz). . . . . . . . . . . . . 1.1µVP-P, Typ.
• Rail-to-Rail Inputs and Output
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . 300pA, Max.
• Operating Temperature Range. . . . . . . . . -40°C to +125°C
Pinouts
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28133FHZ-T7* (Note 1)
BCFA
5 Ld SOT-23
MDP0038
Coming Soon
ISL28133FHZ-T7A* (Note 1)
BCFA
5 Ld SOT-23
MDP0038
Coming Soon
ISL28133FEZ-T7* (Note 1)
BHA
5 Ld SC70
P5.049
Coming Soon
ISL28133FEZ-T7A* (Note 1)
BHA
5 Ld SC70
P5.049
Coming Soon
ISL28133FRUZ-T7* (Note 2)
T8
6 Ld µTDFN
L6.1.6x1.6
Coming Soon
ISL28233FUZ (Note 1)
8233Z
8 Ld MSOP
MDP0043
Coming Soon
ISL28233FUZ-T7* (Note 1)
8233Z
8 Ld MSOP
MDP0043
Coming Soon
ISL28233FRTZ-T7* (Note 1)
TBD
8 Ld TDFN
TBD
Coming Soon
ISL28433FVZ (Note 1)
TBD
14 Ld TSSOP M14.173
*Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials and
NiPdAu plate - e4 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ISL28133
(5 LD SOT-23)
TOP VIEW
ISL28133
(5 LD SC-70)
TOP VIEW
ISL28133
(6 LD µTDFN)
TOP VIEW
ISL28233
(8 LD MSOP)
TOP VIEW
ISL28233
(8 LD TDFN)
TOP VIEW
ISL28433
(14 LD TSSOP)
TOP VIEW
OUT
V-
IN+
V+
IN-
1
2
3
5
4
+-
IN+
V-
IN-
V+
OUT
1
2
3
5
4
1
2
3
6
4
5
OUT
V-
IN -
V+
NC
IN +
+
-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
2
3
4
1
7
6
5
8
VOUT A
-IN A
+IN A
V-
V+
VOUT B
-IN B
+IN B
+
-
+-
OUT_A
IN-_A
IN+_A
V+
IN+_B
IN-_B
OUT_B
OUT_D
IN-_D
IN+_D
V-
IN+_C
IN-_C
OUT_C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
+-
Data Sheet
May 29, 2009


Podobny numer części - ISL28133FRUZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28133FRUZ-T7 INTERSIL-ISL28133FRUZ-T7 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28133FRUZ-T7 INTERSIL-ISL28133FRUZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133FRUZ-T7 RENESAS-ISL28133FRUZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results

Podobny opis - ISL28133FRUZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com