Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28248FUZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL28248FUZ
Szczegółowy opis  4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28248FUZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL28248FUZ Datasheet HTML 1Page - Intersil Corporation ISL28248FUZ Datasheet HTML 2Page - Intersil Corporation ISL28248FUZ Datasheet HTML 3Page - Intersil Corporation ISL28248FUZ Datasheet HTML 4Page - Intersil Corporation ISL28248FUZ Datasheet HTML 5Page - Intersil Corporation ISL28248FUZ Datasheet HTML 6Page - Intersil Corporation ISL28248FUZ Datasheet HTML 7Page - Intersil Corporation ISL28248FUZ Datasheet HTML 8Page - Intersil Corporation ISL28248FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN6337.2
March 13, 2008
IS,ON
Quiescent Supply Current, Enabled
0.7
0.4
0.9
1.1
1.4
mA
IS,OFF
Quiescent Supply Current, Disabled
ISL28148 SOT-23 package only
10
14
16
µA
IO+
Short-Circuit Output Source Current
RL = 10Ω to VCM
48
45
75
mA
IO-
Short-Circuit Output Sink Current
RL = 10Ω to VCM
50
45
68
mA
VSUPPLY
Supply Operating Range
V+ to V-
2.4
5.5
V
VENH
EN Pin High Level
ISL28148 SOT-23 package only
2
V
VENL
EN Pin Low Level
ISL28148 SOT-23 package only
0.8
V
IENH
EN Pin Input High Current
V EN = V+,ISL28148 SOT-23 package
only
11.5
1.6
µA
IENL
EN Pin Input Low Current
V EN = V-, ISL28148 SOT-23 package only
12
25
30
nA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
AV = 100, RF = 100kΩ, RG = 1kΩ,
RL = 10kΩ to VCM
4.5
MHz
Unity Gain
Bandwidth
-3dB Bandwidth
AV =1, RF = 0Ω, VOUT = 10mVP-P,
RL = 10kΩ to VCM
13
MHz
eN
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz
2
µVPP
Input Noise Voltage Density
fO = 1kHz
28
nV/
√Hz
iN
Input Noise Current Density
fO = 1kHz
0.016
pA/
√Hz
CMRR @ 60Hz
Input Common Mode Rejection Ratio
VCM = 1VP-P, RL = 10kΩ to VCM
85
dB
PSRR- @
120Hz
Power Supply Rejection Ratio (V-)V+, V- = ±1.2V and ±2.5V,
VSOURCE = 1VP-P, RL = 10kΩ to VCM
-82
dB
PSRR+ @
120Hz
Power Supply Rejection Ratio (V+)V+, V- = ±1.2V and ±2.5V
VSOURCE = 1VP-P, RL = 10kΩ to VCM
-100
dB
TRANSIENT RESPONSE
SR
Slew Rate
±
4V/µs
tr, tf, Large
Signal
Rise Time, 10% to 90%, VOUT
AV = +2, VOUT = 3VP-P, RG = RF = 10kΩ
RL = 10kΩ to VCM
530
ns
Fall Time, 90% to 10%, VOUT
AV = +2, VOUT = 3VP-P, RG = RF = 10kΩ
RL = 10kΩ to VCM
530
ns
tr, tf, Small
Signal
Rise Time, 10% to 90%, VOUT
AV = +2, VOUT = 10mVP-P,
RG = RF = RL = 10kΩ to VCM
50
ns
Fall Time, 90% to 10%, VOUT
AV = +2, VOUT = 10mVP-P,
RG = RF = RL = 10kΩ to VCM
50
ns
tEN
Enable to Output Turn-on Delay Time, 10%
EN to 10% VOUT, (ISL28148)
EN = 5V to 0V, AV = +2,
RG = RF = RL = 1k to VCM
5µs
Enable to Output Turn-off Delay Time, 10%
EN to 10% VOUT, (ISL28148)
VEN = 0V to 5V, AV = +2,
RG = RF = RL = 1k to VCM
0.2
µs
NOTE:
4. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
ISL28148, ISL28248, ISL28448


Podobny numer części - ISL28248FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28248FUZ RENESAS-ISL28248FUZ Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
ISL28248FUZ-T7 RENESAS-ISL28248FUZ-T7 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
More results

Podobny opis - ISL28248FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28148 RENESAS-ISL28148 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com