Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28274 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL28274
Szczegółowy opis  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28274 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL28274 Datasheet HTML 1Page - Intersil Corporation ISL28274 Datasheet HTML 2Page - Intersil Corporation ISL28274 Datasheet HTML 3Page - Intersil Corporation ISL28274 Datasheet HTML 4Page - Intersil Corporation ISL28274 Datasheet HTML 5Page - Intersil Corporation ISL28274 Datasheet HTML 6Page - Intersil Corporation ISL28274 Datasheet HTML 7Page - Intersil Corporation ISL28274 Datasheet HTML 8Page - Intersil Corporation ISL28274 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN6345.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28274, ISL28474
Micropower, Single Supply, Rail-to-Rail
Input-Output Instrumentation Amplifier
and Precision Operational Amplifier
The ISL28274 is a combination of a micropower
instrumentation amplifier (Amp A) with a low power precision
amplifier (Amp B) in a single package. The ISL28474 consist
of two micropower instrumentation amplifiers (Amp A) and
two low power precision amplifiers (Amp B) in a single
package. The amplifiers are optimized for operation at 2.4V
to 5V single supplies. Inputs and outputs can operate rail-to-
rail. As with all instrumentation amplifiers, a pair of inputs
provide a high common-mode rejection and are completely
independent from a pair of feedback terminals. The
feedback terminals allow zero input to be translated to any
output offset, including ground. A feedback divider controls
the overall gain of the amplifier. The additional precision
amplifier can be used to generate higher gain, with smaller
feedback resistors or used to generate a reference voltage.
The instrumentation amp (Amp A) is compensated for a gain
of 100 or more and the precision amp (Amp B) is unity gain
stable. Both amplifiers have PMOS inputs that provide less
than 30pA input bias currents.
The amplifiers can be operated from one lithium cell or two
Ni-Cd batteries. The amplifiers input range goes from below
ground to slightly above positive rail. The output stage
swings completely to ground or positive supply - no pull-up
or pull-down resistors are needed.
Features
• Combination of IN-AMP and OP-AMP in a single package
• 120µA supply current for ISL28274
• Input Offset Voltage IN-AMP 400µV max
• Input Offset Voltage OP-AMP 225µV max
• 30pA max input bias current
• 100dB CMRR and PSRR
• Single supply operation of 2.4V to 5.0V
• Ground Sensing
• Input voltage range is rail-to-rail and output swings
rail-to-rail
• Pb-free plus anneal available (RoHS compliant)
Applications
•4-20mA loops
• Industrial Process Control
• Medical Instrumentations
Ordering Information
PART NUMBER
(Note)
PART
MARKING
QTY. PER
TUBE/REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28274FAZ
28274FAZ
97/Tube
16 Ld QSOP MDP0040
ISL28274FAZ-T7 28274FAZ
7”
(1000 pcs)
16 Ld QSOP
Tape & Reel
MDP0040
Coming Soon
ISL28474FAZ
ISL28474FAZ
55 /Tube
24 Ld QSOP MDP0040
Coming Soon
ISL28474FAZ-T7
ISL28474FAZ
7”
(1000 pcs)
24 Ld QSOP
Tape & Reel
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
December 13, 2006


Podobny numer części - ISL28274

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270 INTERSIL-ISL28270 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28270IAZ INTERSIL-ISL28270IAZ Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
ISL28270IAZ INTERSIL-ISL28270IAZ Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
More results

Podobny opis - ISL28274

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com