Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22343 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL22343
Szczegółowy opis  Quad Digitally Controlled Potentiometer XDCP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22343 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL22343 Datasheet HTML 2Page - Intersil Corporation ISL22343 Datasheet HTML 3Page - Intersil Corporation ISL22343 Datasheet HTML 4Page - Intersil Corporation ISL22343 Datasheet HTML 5Page - Intersil Corporation ISL22343 Datasheet HTML 6Page - Intersil Corporation ISL22343 Datasheet HTML 7Page - Intersil Corporation ISL22343 Datasheet HTML 8Page - Intersil Corporation ISL22343 Datasheet HTML 9Page - Intersil Corporation ISL22343 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6423.1
March 13, 2008
ISB
VCC Current (Standby)
VCC = +5.5V, V- = -5.5V @ +85°C, I
2C interface in
standby state
0.5
2.0
µA
VCC = +5.5V, V- = -5.5V @ +125°C, I
2C interface in
standby state
1.0
4.0
µA
VCC = +2.25V, V- = -2.25V @ +85°C, I
2C interface in
standby state
0.2
1.0
µA
VCC = +2.25V, V- = -2.25V @ +125°C, I
2C interface in
standby state
0.5
2.0
µA
IV-SB
V- Current (Standby)
V- = -5.5V, VCC = +5.5V @ +85°C, I
2C interface in
standby state
-4.0
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, I
2C interface in
standby state
-5.0
-1.5
µA
V- = -2.25V, VCC = +2.25V @ +85°C, I
2C interface in
standby state
-2.0
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, I
2C interface in
standby state
-3.0
-0.4
µA
ISD
VCC Current (Shutdown)
VCC = +5.5V, V- = -5.5V @ +85°C, I
2C interface in
standby state
0.5
2.0
µA
VCC = +5.5V, V- = -5.5V @ +125°C, I
2C interface in
standby state
1.0
4.0
µA
VCC = +2.25V, V- = -2.25V @ +85°C, I
2C interface in
standby state
0.2
1.0
µA
VCC = +2.25V, V- = -2.25V @ +125°C, I
2C interface in
standby state
0.5
2.0
µA
IV-SD
V- Current (Shutdown)
V- = -5.5V, VCC = +5.5V @ +85°C, I
2C interface in
standby state
-4.0
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, I
2C interface in
standby state
-5.0
-1.5
µA
V- = -2.25V, VCC = +2.25V @ +85°C, I
2C interface in
standby state
-2.0
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, I
2C interface in
standby state
-3.0
-0.4
µA
ILkgDig
Leakage Current, at Pins
A0, A1, A2, SDA, and SCL
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 19)
DCP Wiper Response
Time
SCL falling edge of last bit of DCP data byte to wiper
new position
1.5
µs
tShdnRec
(Note 19)
DCP Recall Time from
Shutdown Mode
SCL falling edge of last bit of ACR data byte to wiper
stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
1.9
2.1
V
VCCRamp
VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value Register recall
completed, and I2C Interface in standby state
5ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T
≤ +55°C50
Years
tWC
(Note 20)
Non-volatile Write Cycle
Time
12
20
ms
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
ISL22343


Podobny numer części - ISL22343

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
ISL22343 INTERSIL-ISL22343 Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22343 RENESAS-ISL22343 Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
logo
Intersil Corporation
ISL22343TFR20Z INTERSIL-ISL22343TFR20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22343TFR20Z RENESAS-ISL22343TFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
More results

Podobny opis - ISL22343

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com