Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1221 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL1221
Szczegółowy opis  Low Power RTC with Battery Backed
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1221 Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL1221 Datasheet HTML 1Page - Intersil Corporation ISL1221 Datasheet HTML 2Page - Intersil Corporation ISL1221 Datasheet HTML 3Page - Intersil Corporation ISL1221 Datasheet HTML 4Page - Intersil Corporation ISL1221 Datasheet HTML 5Page - Intersil Corporation ISL1221 Datasheet HTML 6Page - Intersil Corporation ISL1221 Datasheet HTML 7Page - Intersil Corporation ISL1221 Datasheet HTML 8Page - Intersil Corporation ISL1221 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
FN6316.0
June 22, 2006
Block Diagram
I2C
INTERFACE
CONTROL
LOGIC
ALARM
FREQUENCY
OUT
RTC
DIVIDER
SDA
BUFFER
CRYSTAL
OSCILLATOR
POR
SWITCH
SCL
BUFFER
SDA
SCL
X1
X2
VDD
VBAT
IRQ/
EVDET
INTERNAL
SUPPLY
VTRIP
Seconds
Minutes
Hours
Day of Week
Date
Month
Year
USER
SRAM
CONTROL
REGISTERS
EVIN
GND
FOUT
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1X1
X1. The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external
32.768kHz quartz crystal. X1 can also be driven directly from a 32.768kHz source.
2X2
X2. The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external
32.768kHz quartz crystal. X2 should be left open when X1 is driven from external source.
3VBAT
VBAT. This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event that
the VDD supply fails. This pin should be tied to ground if not used.
4GND
Ground.
5EVIN
Event Input (EVIN). The EVIN is an input pin that is used to detect an externally monitored event. When a high signal
is present at the EVIN pin an “event” is detected.
6FOUT
Frequency Output FOUT, Frequency output pin, 15 selectable frequencies. Open drain output.
7SDA
Serial Data (SDA). SDA is a bidirectional pin used to transfer serial data into and out of the device. It has an open
drain output and may be wire OR’ed with other open drain or open collector outputs.
8SCL
Serial Clock (SCL). The SCL input is used to clock all serial data into and out of the device.Open drain output.
9IRQ/EVDET Interrupt (IRQ)/Event Detect (EVDET) Output. Multi-functional pin that can be used as interrupt for Alarm and Event
Detect. Open Drain Output.
10
VDD
VDD. Power supply.
ISL1221


Podobny numer części - ISL1221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1221 INTERSIL-ISL1221 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL1221 INTERSIL-ISL1221 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221IUZ RENESAS-ISL1221IUZ Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221IUZ-T RENESAS-ISL1221IUZ-T Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

Podobny opis - ISL1221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com