Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1221IUZ-T Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL1221IUZ-T
Szczegółowy opis  Low Power RTC with Battery Backed
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1221IUZ-T Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL1221IUZ-T Datasheet HTML 2Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 3Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 4Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 5Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 6Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 7Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 8Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 9Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
FN6316.0
June 22, 2006
VDD
Typical Performance Curves Temperature is +25°C unless otherwise specified
FIGURE 1. IBAT vs VBAT
FIGURE 2. IBAT vs TEMPERATURE AT VBAT = 3V
FIGURE 3. IDD1 vs TEMPERATURE
FIGURE 4. IDD1 vs VDD WITH LPMODE ON AND OFF
FIGURE 5. IDD1 vs FOUT AT VDD = 3.3V
FIGURE 6. IDD1 vs FOUT AT VDD = 5V
000E+0
100E-9
200E-9
300E-9
400E-9
500E-9
600E-9
700E-9
800E-9
900E-9
1E-6
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VBAT (V)
000E+0
200E-9
400E-9
600E-9
800E-9
1E-6
-40
-20
0
2040
6080
TEMPERATURE (°C)
1.0E-06
1.2E-06
1.4E-06
1.6E-06
1.8E-06
2.0E-06
2.2E-06
2.4E-06
-40
-20
0
2040
6080
TEMPERATURE (°C)
VDD = 5V
VDD = 3.3V
400.0E-9
600.0E-9
800.0E-9
1.0E-6
1.2E-6
1.4E-6
1.6E-6
1.8E-6
2.0E-6
2.2E-6
2.4E-6
2.53.0
3.54.0
4.55.0
5.5
VDD (V)
LPMODE = 0
LPMODE = 1
1.2E-6
1.3E-6
1.4E-6
1.5E-6
1.6E-6
1.7E-6
1.8E-6
1.9E-6
2.0E-6
2.1E-6
FOUT (Hz)
1.8E-6
1.9E-6
2.0E-6
2.1E-6
2.2E-6
2.3E-6
2.4E-6
2.5E-6
2.6E-6
2.7E-6
2.8E-6
2.9E-6
3.0E-6
FOUT (Hz)
ISL1221


Podobny numer części - ISL1221IUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1221IUZ-T RENESAS-ISL1221IUZ-T Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

Podobny opis - ISL1221IUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com