Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22426 Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL22426
Szczegółowy opis  Low Noise, Low Power, SPI Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22426 Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL22426 Datasheet HTML 7Page - Intersil Corporation ISL22426 Datasheet HTML 8Page - Intersil Corporation ISL22426 Datasheet HTML 9Page - Intersil Corporation ISL22426 Datasheet HTML 10Page - Intersil Corporation ISL22426 Datasheet HTML 11Page - Intersil Corporation ISL22426 Datasheet HTML 12Page - Intersil Corporation ISL22426 Datasheet HTML 13Page - Intersil Corporation ISL22426 Datasheet HTML 14Page - Intersil Corporation ISL22426 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6180.2
September 8, 2009
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions.
When the device is powered down, the last value stored in
IVRi will be maintained in the non-volatile memory. When
power is restored, the contents of the IVRi is recalled and
loaded into the corresponding WRi to set the wiper to the
initial value.
DCP Description
Each DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL pins). The RW pin of each DCP is
connected to intermediate nodes, and is equivalent to the
wiper terminal of a mechanical potentiometer. The position
of the wiper terminal within the DCP is controlled by volatile
Wiper Register (WR). Each DCP has its own WR. When the
WR of a DCP contains all zeroes (WR[6:0]= 00h), its wiper
terminal (RW) is closest to its “Low” terminal (RL). When the
WR register of a DCP contains all ones (WR[6:0]= 7Fh), its
wiper terminal (RW) is closest to its “High” terminal (RH). As
the value of the WR increases from all zeroes (0) to all ones
(127 decimal), the wiper moves monotonically from the
position closest to RL to the closest to RH. At the same time,
the resistance between RW and RL increases monotonically,
while the resistance between RH and RW decreases
monotonically.
While the ISL22426 is being powered up, all four WRs are
reset to 40h (64 decimal), which locates RW roughly at the
center between RL and RH. After the power supply voltage
becomes large enough for reliable non-volatile memory
reading, all WRs will be reload with the value stored in
corresponding non-volatile Initial Value Registers (IVRs).
The WRs can be read or written to directly using the SPI
serial interface as described in the following sections. The
SPI interface register address bits have to be set to 0000b or
0001b to access the WR of DCP0 or DCP1 respectively. The
WRi and IVRi can be read or written to directly using the SPI
serial interface as described in the following sections.
Memory Description
The ISL22426 contains seven non-volatile and three volatile
8-bit registers. The memory map of ISL22426 is shown in
Table 1. The two non-volatile registers (IVRi) at address 0
and 1, contain initial wiper value and volatile registers (WRi)
contain current wiper position. In addition, five non-volatile
General Purpose registers from address 2 to address 6 are
available.
The non-volatile IVRi and volatile WRi registers are
accessible with the same address.
The Access Control Register (ACR) contains information
and control bits described below in Table 2.
The VOL bit (ACR[7]) determines whether the access is to
wiper registers WR or initial value registers IVR.
If VOL bit is 0, the non-volatile IVR register is accessible. If
VOL bit is 1, only the volatile WR is accessible. Note, value
is written to IVR register also is written to the WR. The
default value of this bit is 0.
The SHDN bit (ACR[6]) disables or enables Shutdown
mode. This bit is logically ANDed with SHDN pin. When this
bit is 0, DCP is in Shutdown mode. The default value of
SHDN bit is 1.
The WIP bit (ACR[5]) is read only bit. It indicates that non-
volatile write operation is in progress. The WIP bit can be
read repeatedly after a non-volatile write to determine if the
write has been completed. It is impossible to write to the
IVRi, WRi or ACR while WIP bit is 1.
Shutdown Mode
The device can be put in Shutdown mode either by pulling the
SHDN pin to GND or setting the SHDN bit in the ACR register
to 0. The truth table for Shutdown mode is in Table 3.
SPI Serial Interface
The ISL22426 supports an SPI serial protocol, mode 0. The
device is accessed via the SDI input and SDO output with
data clocked in on the rising edge of SCK, and clocked out
on the falling edge of SCK. CS must be LOW during
communication with the ISL22426. SCK and CS lines are
TABLE 1. MEMORY MAP
ADDRESS
NON-VOLATILE
VOLATILE
8—
ACR
7
Reserved
6
5
4
3
2
General Purpose
General Purpose
General Purpose
General Purpose
General Purpose
Not Available
Not Available
Not Available
Not Available
Not Available
1
0
IVR1
IVR0
WR1
WR0
TABLE 2. ACCESS CONTROL REGISTER (ACR)
BIT #
7
6
5
432
1
0
Bit Name
VOL
SHDN
WIP
000
0
0
TABLE 3.
SHDN pin
SHDN bit
Mode
High
1
Normal operation
Low
1
Shutdown
High
0
Shutdown
Low
0
Shutdown
TABLE 1. MEMORY MAP (Continued)
ADDRESS
NON-VOLATILE
VOLATILE
ISL22426


Podobny numer części - ISL22426

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22426 INTERSIL-ISL22426 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22426 RENESAS-ISL22426 Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426UFR16Z RENESAS-ISL22426UFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426UFV14Z RENESAS-ISL22426UFV14Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426WFR16Z RENESAS-ISL22426WFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results

Podobny opis - ISL22426

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com