Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22426UFR16Z Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL22426UFR16Z
Szczegółowy opis  Low Noise, Low Power, SPI Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22426UFR16Z Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL22426UFR16Z Datasheet HTML 1Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 2Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 3Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 4Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 5Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 6Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 7Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 8Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6180.2
September 8, 2009
tShdnRec
(Note 21)
DCP Recall Time From Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCK rising edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.0
2.6
V
VccRamp
VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and SPI Interface
in standby state
3ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T
≤ +55°C
50
Years
tWC
(Note 19)
Non-volatile Write Cycle Time
12
20
ms
SERIAL INTERFACE SPECIFICATIONS
VIL
SHDN, SCK, SDI, and CS Input Buffer
LOW Voltage
-0.3
0.3*VCC
V
VIH
SHDN, SCK, SDI, and CS Input Buffer
HIGH Voltage
0.7*VCC
VCC + 0.3
V
Hysteresis
SHDN, SCK, SDI, and CS Input Buffer
Hysteresis
0.05*VCC
V
VOL
SDO Output Buffer LOW Voltage
IOL = 4mA
0
0.4
V
Rpu
(Note 20)
SDO Pull-up Resistor Off-chip
Maximum is determined by tRO and tFO with
maximum bus load Cb = 30pF, fSCK = 5MHz
2k
Ω
Cpin
(Note 21)
SHDN, SCK, SDI, SDO and CS Pin
Capacitance
10
pF
fSCK
SPI Frequency
5MHz
tCYC
SPI Clock Cycle Time
200
ns
tWH
SPI Clock High Time
100
ns
tWL
SPI Clock Low Time
100
ns
tLEAD
Lead Time
250
ns
tLAG
Lag Time
250
ns
tSU
SDI, SCK and CS Input Set-up Time
50
ns
tH
SDI, SCK and CS Input Hold Time
50
ns
tRI
SDI, SCK and CS Input Rise Time
10
ns
tFI
SDI, SCK and CS Input Fall Time
10
20
ns
tDIS
SDO Output Disable Time
0
100
ns
tV
SDO Output Valid Time
350
ns
tHO
SDO Output Hold Time
0
ns
tRO
SDO Output Rise Time
Rpu = 2k, Cb = 30pF
60
ns
Operating Specifications Over the recommended operating conditions, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 5)
MAX
(Note 22)
UNIT
ISL22426


Podobny numer części - ISL22426UFR16Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL22426UFR16Z RENESAS-ISL22426UFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results

Podobny opis - ISL22426UFR16Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com