Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22426WFV14Z Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL22426WFV14Z
Szczegółowy opis  Low Noise, Low Power, SPI Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22426WFV14Z Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL22426WFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22426WFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22426WFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22426WFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22426WFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22426WFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22426WFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22426WFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22426WFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6180.2
September 8, 2009
Block Diagram
VCC
RH0
RH1
GND
RL0
RL1
RW0
RW1
SCK
SDI
SDO
CS
WR1
WR0
SHDN
POWER-UP
INTERFACE,
CONTROL
AND STATUS
LOGIC
NON-
VOLATILE
REGISTERS
SPI
INTERFACE
Pin Descriptions
TSSOP PIN
NUMBER
QFN PIN
NUMBER
SYMBOL
DESCRIPTION
115
VCC
Power supply pin
216
SHDN
Shutdown active low input
3
1
RH0
“High” terminal of DCP0
4
2
RL0
“Low” terminal of DCP0
5
3
RW0
“Wiper” terminal of DCP0
6
4, 5, 9
NC
No connect
7
6
SCK
SPI interface clock input
8
7
SDO
Open drain SPI interface Data Output
9
8
GND
Device ground pin
10
10
RW1
“Wiper” terminal of DCP1
11
11
RL1
“Low” terminal of DCP1
12
12
RH1
“High” terminal of DCP1
13
13
CS
Chip Select active low input
14
14
SDI
SPI interface Data Input
EPAD*
Exposed Die Pad internally connected to GND
*NOTE: PCB thermal land for QFN EPAD should be connected to GND plane or left floating. For more information refer to
http://www.intersil.com/data/tb/TB389.pdf
ISL22426


Podobny numer części - ISL22426WFV14Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL22426WFV14Z RENESAS-ISL22426WFV14Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results

Podobny opis - ISL22426WFV14Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com