Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22511UFRU10Z-TK Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL22511UFRU10Z-TK
Szczegółowy opis  Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22511UFRU10Z-TK Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL22511UFRU10Z-TK Datasheet HTML 1Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 2Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6678.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22511
Single Push Button Controlled Potentiometer (XDCP™)
Low Noise, Low Power, 32 Taps, Push
Button Controlled Potentiometer
The Intersil ISL22511 is a three-terminal digitally-controlled
potentiometer (XDCP) implemented by a resistor array
composed of 31 resistive elements and a wiper switching
network. The ISL22511 features a push button control, a
shutdown mode, as well as an industry-leading µTQFN
package.
The push button control has individual PU and PD inputs for
adjusting the wiper. To eliminate redundancy, the wiper
position will automatically increment or decrement if one of
these inputs is held longer than one second.
Forcing both PU and PD low for more than two seconds
activates shutdown mode. Shutdown mode disconnects the
top of the resistor chain and moves the wiper to the lowest
position, minimizing power consumption.
The three terminals accessing the resistor chain naturally
configure the ISL22511 as a voltage divider. A rheostat is
easily formed by floating an end terminal or connecting it to
the wiper.
Features
• Solid-State Non-Volatile Potentiometer
• Push Button Controlled
• Single or Auto Increment/Decrement
- Fast Mode after 1s Button Press
AUTOSTORE of Last Wiper Position or Manual Store of
Wiper Position
• Shutdown Mode
• 32 Wiper Tap Points
- Middle Scale Wiper Position on Power-Up
• Low Power CMOS
-VCC = 2.7V to 5.5V
- Terminal Voltage, 0 to VCC
- Standby Current, 3µA Max
•RTOTAL Value = 10kΩ, 50kΩ
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T
≤ +55°C
• Packages
- 8 Ld SOIC
- 10 Ld µTQFN (2.1mmx1.6mm)
• Pb-Free (RoHS Compliant)
Applications
• Volume Control
• LED/LCD Brightness Control
• Contrast Control
• Programming Bias Voltages
• Ladder Networks
VCC (SUPPLY VOLTAGE)
CONTROL
BLOCK
PU
PD
VSS (GROUND)
RH
RL
RW
9
8
7
6
1
2
3
4
NC
VSS
ASE
RL
VCC
PU
RH
PD
O
RW
NC
VCC
ASE
PU
PD
RH
VSS
1
2
3
4
8
7
6
5
RL
RW
O
µTQFN
(Top View)
SOIC
(Top View)
ASE
Data Sheet
July 16, 2009


Podobny numer części - ISL22511UFRU10Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22511UFRU10Z-TK INTERSIL-ISL22511UFRU10Z-TK Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
ISL22511UFRU10Z-TK RENESAS-ISL22511UFRU10Z-TK Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Podobny opis - ISL22511UFRU10Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com