Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28196FRUZ-T7 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL28196FRUZ-T7
Szczegółowy opis  Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output RRIO Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28196FRUZ-T7 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL28196FRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28196FRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28196FRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28196FRUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28196FRUZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28196FRUZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28196FRUZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28196FRUZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL28196FRUZ-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6152.3
November 5, 2007
Pin Descriptions
Applications Information
Introduction
The ISL28196 and ISL28197 are CMOS rail-to-rail input and
output (RRIO) micropower comparators. These devices are
designed to operate from single supply (1.8V to 5.5V) and
have an input common mode range that extends to the
positive rail and to the negative supply rail for true rail-to-rail
performance. The CMOS output can swing within tens of
millivolts to the rails. Featuring worst case maximum supply
currents of only 4.5µA and 2µA for the ISL28196 and
ISL28197 respectively, these comparators are ideally suited
for solar and battery powered applications.
Input Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. Both the ISL28196
and ISL28197 have a maximum input differential voltage that
extends beyond the rails (+V + 0.5V to -V - 0.5V).
Rail-to-Rail Output
A pair of complementary MOSFET devices are used to
achieve the rail-to-rail output swing. The NMOS sinks
current to swing the output in the negative direction. The
PMOS sources current to swing the output in the positive
direction. The ISL28196 and ISL28197 with a 100k
Ω load
will swing to within 6mV of the positive supply rail and within
3mV of ground.
FIGURE 41. ISL28196 FALL TIME vs TEMPERATURE 20% TO
80%, V+ = 5V
FIGURE 42. ISL28197 FALL TIME vs TEMPERATURE 20% TO
80%, V+ = 5V
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, unless otherwise specified. (Continued)
4.5
5.0
5.5
6.0
6.5
7.5
8.0
-40
-20
0
20
406080
100
120
MIN
MAX
MEDIAN
N = 1000
TEMPERATURE (°C)
7.0
4.5
9.5
14.5
19.5
24.5
29.5
34.5
39.5
44.5
49.5
54.5
-40
-20
0
20
40
60
80
100
120
MIN
MAX
MEDIAN
N = 1000
TEMPERATURE (°C)
ISL28196,
ISL28197
(6 LD SOT-23)
ISL28196,
ISL28197
(6 LD µTDFN)
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
4
OUT
Circuit 3
Comparator output
2
2
GND
Circuit 4
GROUND terminal
3
3
IN+
Circuit 1
Comparator non-inverting input
4
1
IN-
Circuit 1
Comparator inverting input
5
5
EN
Circuit 2
Comparator enable pin; Logic “1” selects the enabled state: Logic “0” selects the
disabled state
6
6
V+
Circuit 4
Positive power supply
LOGIC
PIN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
IN-
V+
V-
IN+
100
Ω
ISL28196, ISL28197


Podobny numer części - ISL28196FRUZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28196FRUZ-T7 RENESAS-ISL28196FRUZ-T7 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
More results

Podobny opis - ISL28196FRUZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com