Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1557AIUEZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL1557AIUEZ
Szczegółowy opis  12V xDSL Differential Line Driver with Enhanced Output Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1557AIUEZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL1557AIUEZ Datasheet HTML 1Page - Intersil Corporation ISL1557AIUEZ Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN6568.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008, 2009. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL1557A
12V xDSL Differential Line Driver with
Enhanced Output Protection
The ISL1557A is a dual operational amplifier designed for
VDSL2 and ADSL line driving in DMT based solutions. This
device features a high drive capability of 750mA while
consuming only 6mA of supply current per amplifier and
operating from a single 4.5V to 12V supply. The driver
achieves a typical distortion of -80dBc, at 150kHz into a 25
Ω
load. ISL1557A is design with stronger output clamps to
enhance protection against lightning transients.
The ISL1557A is available in the thermally-enhanced
16 Ld QFN and 10 Ld HMSOP package and is specified for
operation over the full -40°C to +85°C temperature range.
The ISL1557A has control pins C0 and C1 for controlling the
bias and enable/disable of the outputs. These controls allow
for lowering the power to fit the performance/power ratio for
the application.
The ISL1557A is ideal for ADSL2+, SDSL, HDSL2 and
VDSL line driving applications, including both 14.5dBm and
21dBm applications.
Features
• 21dBm output power capability
• Drives up to 750mA from a +12V supply
•20VP-P differential output drive into 21Ω
• -80dBc typical driver output distortion at full output at
150kHz
• -75dBc typical driver output distortion at 4MHz
• -82dBc typical driver output distortion at 10MHz
• -79dBc typical driver output distortion at 17MHz
• Low quiescent current of 6mA per amplifier
• Supply range
- For ISL1557AIUEZ 4.5V to 12V
- For ISL1557AIRZ ±2.25V to ±6V, 4.5V to 12V
• 300MHz bandwidth
• Thermal shutdown
• Pb-free (RoHS compliant)
Applications
• VDSL2 line drivers
• ADSL2+ CPE line driving
• G.SHDSL, HDSL2 line drivers
Get Full Datasheet
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL1557AIRZ
155 7AIRZ
-40 to +85
16 Ld 4x4 QFN
MDP0046
ISL1557AIRZ-T7*
155 7AIRZ
-40 to +85
16 Ld 4x4 QFN (Tape and Reel) MDP0046
ISL1557AIUEZ
BBBGA
-40 to +85
10 Ld HMSOP
MDP0050
ISL1557AIUEZ-T7*
BBBGA
-40 to +85
10 Ld HMSOP (Tape and Reel)
MDP0050
*Please refer to TB347 for details on reel specifications
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Data Sheet
March 12, 2009


Podobny numer części - ISL1557AIUEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1557AIUEZ INTERSIL-ISL1557AIUEZ Datasheet
113Kb / 2P
   12V xDSL Differential Line Driver with Enhanced Output Protection
March 12, 2009
logo
Renesas Technology Corp
ISL1557AIUEZ RENESAS-ISL1557AIUEZ Datasheet
869Kb / 12P
   12V xDSL Differential Line Driver with Enhanced Output Protection
logo
Intersil Corporation
ISL1557AIUEZ-T7 INTERSIL-ISL1557AIUEZ-T7 Datasheet
113Kb / 2P
   12V xDSL Differential Line Driver with Enhanced Output Protection
March 12, 2009
More results

Podobny opis - ISL1557AIUEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1557A RENESAS-ISL1557A Datasheet
869Kb / 12P
   12V xDSL Differential Line Driver with Enhanced Output Protection
logo
Intersil Corporation
ISL1557AIRZ INTERSIL-ISL1557AIRZ Datasheet
113Kb / 2P
   12V xDSL Differential Line Driver with Enhanced Output Protection
March 12, 2009
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517 Datasheet
138Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517_06 Datasheet
34Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com