Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0ZRC Arkusz danych(PDF) 2 Page - Bel Fuse Inc.

Numer części 0ZRC
Szczegółowy opis  Radial Leaded PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEL [Bel Fuse Inc.]
Strona internetowa  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZRC Arkusz danych(HTML) 2 Page - Bel Fuse Inc.

  0ZRC Datasheet HTML 1Page - Bel Fuse Inc. 0ZRC Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Office
Bel Fuse Inc.
Far East Office
Bel Fuse Ltd.
European Office
Bel Stewart GmbH
0ZRC1007C
A B C D E F G H I J K L M N O P Q R S T
1. Operation beyond the specified maximum ratings
or improper use may result in damage and pos
2. These Polymer PTC (PPTC) devices are intended for
protection against occasional overcurrent/
overtemperature fault conditions and may not be
suitable for use in applications where repeated and/
or prolonged fault conditions are anticipated.
3. Avoid contact of PTC device with chemical solvent.
Prolonged contact may adversely impact the PTC
performance.
4. These PTC devices may not be suitable for use in
circuits with a large inductance, as the PTC trip can
generate circuit voltage spikes above the PTC
rated voltage.
Cautionary Notes
defining a degree of excellence
Typical Time - To - Trip at 23°C
Thermal Derating Curve
Radial Leaded PTC
0ZRC Series
RoHS6 Compliant
Ambient Temperature (°C)
Specifications subject to change without notice
Fault Current (A)
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Industriestrasse 20
61381 Friedrichdorf
Germany
Tel: 49.6172.9552.0
Fax: 49.6172.9552.40
(See Elec. Characteristics Table for P/N - Curve Correlation)
10


Podobny numer części - 0ZRC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
0ZRC BEL-0ZRC Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRC0010FF1E BEL-0ZRC0010FF1E Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRC0015FF1E BEL-0ZRC0015FF1E Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRC0017FF1E BEL-0ZRC0017FF1E Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRC0020FF1E BEL-0ZRC0020FF1E Datasheet
1Mb / 4P
   Radial Leaded PTC
More results

Podobny opis - 0ZRC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRA BEL-0ZRA Datasheet
334Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com