Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0ZRE0040FF1A Arkusz danych(PDF) 1 Page - Bel Fuse Inc.

Numer części 0ZRE0040FF1A
Szczegółowy opis  Radial Leaded PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEL [Bel Fuse Inc.]
Strona internetowa  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZRE0040FF1A Arkusz danych(HTML) 1 Page - Bel Fuse Inc.

  0ZRE0040FF1A Datasheet HTML 1Page - Bel Fuse Inc. 0ZRE0040FF1A Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0ZRE1007D
Application
Line Voltage Power Supply, Transformer and
Appliances
Product Features
Continuous Use at Voltages up to 240V AC/DC,
Low Hold Current, 265V AC/DC Max
Interrupt Voltage
Operating (Hold Current) Range
50mA ~ 550mA
Maximum Operating Voltage
240VAC/DC
Maximum Interrupt Voltage
265VAC/DC
Temperature Range
-40°C to 85°C
Agency Approval
TUV (Std. EN60738-1-1, Cert. R50102173)
UL Component (Std. UL1434, File E305051)
UL Conditions of Acceptability:
1.These devices have been investigated for
use in safety circuits and are suitable as a limiting
device.
Lead material
0ZRE0005 ~ 0ZRE0016 - Tin plated copper clad steel, 24AWG.
0ZRE0025 ~ 0ZRE0040 - Tin plated copper, 22AWG.
0ZRE0055 - Tin plated copper, 20AWG.
Soldering characteristics
MIL-STD-202, Method 208E.
Insulating coating
Flame retardant epoxy, meets UL-94-V-0 requirements.
“bel” or “b”, IH code and “RE”.
Physical specifications
PTC Marking
Fig 1
All dimensions
in mm
Fig 2
Product Dimensions
Standard Package
defining a degree of excellence
Radial Leaded PTC
0ZRE Series
RoHS6 Compliant
Electrical Characteristics (23°C)
Bel Fuse Inc
. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel:201 - 432 - 0463 • Fax:201 - 432 - 9542 • E-Mail: belfuse@belfuse.com
Website:www.belfuse.com
Specifications subject to change without notice
ø
IH
Hold current-maximum current at which the device will not trip in still air at 23°C.
IT
Trip current-minimum current at which the device will always trip in still air at 23°C.
Imax
Maximum fault current device can withstand without damage at rated voltage (Vmax).
Vmax Maximum voltage device can withstand without damage at its rated current.
Pd
Typical power dissipated by device when in tripped state in 23°C still air environment.
Rmin Minimum device resistance at 23°C.
Rmax Maximum device resistance at 23°C.
R1max Maximum device resistance at 23°C, 1 hour after initial device trip.


Podobny numer części - 0ZRE0040FF1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
0ZRE0040FF1A BEL-0ZRE0040FF1A Datasheet
1Mb / 4P
   Radial Leaded PTC
More results

Podobny opis - 0ZRE0040FF1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRA BEL-0ZRA Datasheet
334Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com