Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3218 Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3218
Szczegółowy opis  650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3218 Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  LM3218 Datasheet HTML 1Page - National Semiconductor (TI) LM3218 Datasheet HTML 2Page - National Semiconductor (TI) LM3218 Datasheet HTML 3Page - National Semiconductor (TI) LM3218 Datasheet HTML 4Page - National Semiconductor (TI) LM3218 Datasheet HTML 5Page - National Semiconductor (TI) LM3218 Datasheet HTML 6Page - National Semiconductor (TI) LM3218 Datasheet HTML 7Page - National Semiconductor (TI) LM3218 Datasheet HTML 8Page - National Semiconductor (TI) LM3218 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 21, 2009
LM3218
650 mA Miniature, Adjustable, Step-Down DC-DC
Converter for RF Power Amplifiers
General Description
The LM3218 is a DC-DC converter with inductor which is op-
timized for powering RF power amplifiers (PAs) from a single
Lithium-Ion cell. It steps down an input voltage in the range
from 2.7V to 5.5V to an adjustable output voltage of 0.8V to
3.6V. Output voltage is set by using a V
CON analog input to
control power levels and efficiency of the RF PA.
The LM3218 offers superior electrical performance for mobile
phones and similar RF PA applications with a reduced foot-
print (3mm x 2.5mm x 1.2mm). Fixed-frequency PWM oper-
ation minimizes RF interference. A shutdown function turns
the device off and reduces battery consumption to 0.01 µA
(typ.).
The LM3218 is available in an integrated inductor 8–pin LTCC
package. A high switching frequency (2 MHz typ.) allows use
of tiny surface-mount components. Only two small external
surface-mount components, two ceramic capacitors, are re-
quired. The overall board space is reduced up to 25% from
the typical discrete inductor solution.
Features
Includes 2.6 µH Inductor in very small form factor (3mm x
2.5mm x 1.2mm)
2 MHz (typ.) PWM Switching Frequency
Operates from a single Li-Ion cell (2.7V to 5.5V)
Adjustable Output Voltage (0.8V to 3.6V)
Fast Output Voltage Transient (0.8V to 3.4V in 25 µs typ.)
650 mA Maximum load capability
High Efficiency (95% typ. at 3.9 V
IN, 3.4 VOUT at 400 mA)
8-pin LTCC Package
Current Overload Protection
Thermal Overload Protection
Applications
Cellular Phones
Hand-Held Radios
RF PC Cards
Battery-Powered RF Devices
Typical Application
30050401
FIGURE 1. LM3218 Typical Application
© 2009 National Semiconductor Corporation
300504
www.national.com


Podobny numer części - LM3218

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3218 TI1-LM3218 Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
LM3218SEE/NOPB TI1-LM3218SEE/NOPB Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218SEX/NOPB TI1-LM3218SEX/NOPB Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results

Podobny opis - LM3218

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
[Old version datasheet]   LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com