Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX100A Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BZX100A
Szczegółowy opis  Single Zener diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX100A Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BZX100A Datasheet HTML 1Page - NXP Semiconductors BZX100A Datasheet HTML 2Page - NXP Semiconductors BZX100A Datasheet HTML 3Page - NXP Semiconductors BZX100A Datasheet HTML 4Page - NXP Semiconductors BZX100A Datasheet HTML 5Page - NXP Semiconductors BZX100A Datasheet HTML 6Page - NXP Semiconductors BZX100A Datasheet HTML 7Page - NXP Semiconductors BZX100A Datasheet HTML 8Page - NXP Semiconductors BZX100A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BZX100A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 May 2007
3 of 10
NXP Semiconductors
BZX100A
Single Zener diode
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[4]
Soldering point of cathode tab.
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for cathode 1 cm2
(3) FR4 PCB, standard footprint
Fig 1.
Power derating curves
Tamb (°C)
−75
175
125
25
75
−25
006aab047
0.4
0.8
1.2
Ptot
(W)
0
(1)
(2)
(3)
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
400
K/W
[2] -
-
230
K/W
[3] -
-
125
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[4] --55
K/W


Podobny numer części - BZX100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
BZX100A LINER-BZX100A Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Nexperia B.V. All right...
BZX100A NEXPERIA-BZX100A Datasheet
1Mb / 10P
   Single Zener diode
Rev. 01 - 30 May 2007
More results

Podobny opis - BZX100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shindengen Electric Mfg...
ST02-280F1 SHINDENGEN-ST02-280F1 Datasheet
159Kb / 4P
   Single Zener Diode
ST04-20F1 SHINDENGEN-ST04-20F1 Datasheet
158Kb / 4P
   Single Zener Diode
ST20-30F2 SHINDENGEN-ST20-30F2 Datasheet
151Kb / 4P
   Single Zener Diode
ST02-200F1 SHINDENGEN-ST02-200F1 Datasheet
159Kb / 4P
   Single Zener Diode
ST04-30F1 SHINDENGEN-ST04-30F1 Datasheet
158Kb / 4P
   Single Zener Diode
ST04-12F1 SHINDENGEN-ST04-12F1 Datasheet
160Kb / 4P
   Single Zener Diode
ST04-36F1 SHINDENGEN-ST04-36F1 Datasheet
191Kb / 4P
   Single Zener Diode
logo
Nexperia B.V. All right...
BZX100A NEXPERIA-BZX100A Datasheet
1Mb / 10P
   Single Zener diode
Rev. 01 - 30 May 2007
logo
Shindengen Electric Mfg...
ST20-27F2 SHINDENGEN-ST20-27F2 Datasheet
151Kb / 4P
   Single Zener Diode
ST20-36F2 SHINDENGEN-ST20-36F2 Datasheet
151Kb / 4P
   Single Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com