Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT573 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74AHCT573
Szczegółowy opis  Octal D-type transparant latch; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT573 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74AHCT573 Datasheet HTML 1Page - NXP Semiconductors 74AHCT573 Datasheet HTML 2Page - NXP Semiconductors 74AHCT573 Datasheet HTML 3Page - NXP Semiconductors 74AHCT573 Datasheet HTML 4Page - NXP Semiconductors 74AHCT573 Datasheet HTML 5Page - NXP Semiconductors 74AHCT573 Datasheet HTML 6Page - NXP Semiconductors 74AHCT573 Datasheet HTML 7Page - NXP Semiconductors 74AHCT573 Datasheet HTML 8Page - NXP Semiconductors 74AHCT573 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74AHC_AHCT573_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 March 2010
5 of 19
NXP Semiconductors
74AHC573; 74AHCT573
Octal D-type transparant latch; 3-state
6.
Functional description
[1]
H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition;
L = LOW voltage level;
l = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition;
Z = high-impedance OFF-state.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO20 packages: above 70
°C the value of P
tot derates linearly at 8 mW/K.
For TSSOP20 packages: above 60
°C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN20 packages: above 60
°C the value of P
tot derates linearly with 4.5 mW/K.
Table 3.
Function table[1]
Operating mode
Input
Internal latch
Output
OE
LE
Dn
Qn
Enable and read register (transparent
mode)
LH
L
L
L
HH
H
Latch and read register
L
L
l
L
L
hH
H
Latch register and disable outputs
H
L
l
L
Z
hH
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1]
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC +0.5 V
[1]
−20
+20
mA
IO
output current
VO = −0.5 V to (VCC +0.5 V)
−25
+25
mA
ICC
supply current
-
+75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
500
mW


Podobny numer części - 74AHCT573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT573 PHILIPS-74AHCT573 Datasheet
91Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Sep 27
74AHCT573 PHILIPS-74AHCT573 Datasheet
138Kb / 23P
   Octal D-type transparent latch; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74AHCT573 NEXPERIA-74AHCT573 Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHCT573-Q100 NEXPERIA-74AHCT573-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
74AHCT573BQ NEXPERIA-74AHCT573BQ Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
More results

Podobny opis - 74AHCT573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com