Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4020 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV4020
Szczegółowy opis  14-stage binary ripple counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4020 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV4020 Datasheet HTML 1Page - NXP Semiconductors 74LV4020 Datasheet HTML 2Page - NXP Semiconductors 74LV4020 Datasheet HTML 3Page - NXP Semiconductors 74LV4020 Datasheet HTML 4Page - NXP Semiconductors 74LV4020 Datasheet HTML 5Page - NXP Semiconductors 74LV4020 Datasheet HTML 6Page - NXP Semiconductors 74LV4020 Datasheet HTML 7Page - NXP Semiconductors 74LV4020 Datasheet HTML 8Page - NXP Semiconductors 74LV4020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
74LV4020_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2005
2 of 20
Philips Semiconductors
74LV4020
14-stage binary ripple counter
4.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
5.
Ordering information
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf = 2.5 ns.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
tPHL,
tPLH
propagation delay
CL = 15 pF; VCC = 3.3 V
CP to Q0
-
12
-
ns
Qn to Q(n+1)
-
7
-
ns
tPHL
propagation delay
CL = 15 pF; VCC = 3.3 V
MR to Qn
-
16
-
ns
fmax
maximum input clock
frequency
CL = 15 pF; VCC = 3.3 V
-
100
-
MHz
Ci
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance
per gate; VI = GND to
VCC
[1] -20
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LV4020N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74LV4020D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LV4020DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74LV4020PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1


Podobny numer części - 74LV4020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
Texas Instruments
74LV4040A TI-74LV4040A Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
logo
NXP Semiconductors
74LV4040D PHILIPS-74LV4040D Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040DB PHILIPS-74LV4040DB Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040N PHILIPS-74LV4040N Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
More results

Podobny opis - 74LV4020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
Nexperia B.V. All right...
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
logo
Motorola, Inc
MC74AC4020 MOTOROLA-MC74AC4020 Datasheet
141Kb / 5P
   14-STAGE BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC4020 PHILIPS-74HC4020 Datasheet
49Kb / 7P
   14-stage binary ripple counter
September 1993
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_14 Datasheet
123Kb / 8P
   14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74HC4020-Q100 NEXPERIA-74HC4020-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020 NEXPERIA-74HCT4020 Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com