Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4020 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LV4020
Szczegółowy opis  14-stage binary ripple counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4020 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LV4020 Datasheet HTML 1Page - NXP Semiconductors 74LV4020 Datasheet HTML 2Page - NXP Semiconductors 74LV4020 Datasheet HTML 3Page - NXP Semiconductors 74LV4020 Datasheet HTML 4Page - NXP Semiconductors 74LV4020 Datasheet HTML 5Page - NXP Semiconductors 74LV4020 Datasheet HTML 6Page - NXP Semiconductors 74LV4020 Datasheet HTML 7Page - NXP Semiconductors 74LV4020 Datasheet HTML 8Page - NXP Semiconductors 74LV4020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74LV4020_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2005
4 of 20
Philips Semiconductors
74LV4020
14-stage binary ripple counter
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 5.
Pin configuration DIP16, SO16, SSOP16 and TSSOP16
4020
Q11
VCC
Q12
Q10
Q13
Q9
Q5
Q7
Q4
Q8
Q6
MR
Q3
CP
GND
Q0
001aad721
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 3:
Pin description
Symbol
Pin
Description
Q11
1
parallel output 11
Q12
2
parallel output 12
Q13
3
parallel output 13
Q5
4
parallel output 5
Q4
5
parallel output 4
Q6
6
parallel output 6
Q3
7
parallel output 3
GND
8
ground (0 V)
Q0
9
parallel output 0
CP
10
clock input (HIGH-to-LOW, edge-triggered)
MR
11
master reset input (active HIGH)
Q8
12
parallel output 8
Q7
13
parallel output 7
Q9
14
parallel output 9
Q10
15
parallel output 10
VCC
16
supply voltage


Podobny numer części - 74LV4020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
Texas Instruments
74LV4040A TI-74LV4040A Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
logo
NXP Semiconductors
74LV4040D PHILIPS-74LV4040D Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040DB PHILIPS-74LV4040DB Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040N PHILIPS-74LV4040N Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
More results

Podobny opis - 74LV4020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
Nexperia B.V. All right...
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
logo
Motorola, Inc
MC74AC4020 MOTOROLA-MC74AC4020 Datasheet
141Kb / 5P
   14-STAGE BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC4020 PHILIPS-74HC4020 Datasheet
49Kb / 7P
   14-stage binary ripple counter
September 1993
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_14 Datasheet
123Kb / 8P
   14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74HC4020-Q100 NEXPERIA-74HC4020-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020 NEXPERIA-74HCT4020 Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com