Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4020 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV4020
Szczegółowy opis  14-stage binary ripple counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4020 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV4020 Datasheet HTML 2Page - NXP Semiconductors 74LV4020 Datasheet HTML 3Page - NXP Semiconductors 74LV4020 Datasheet HTML 4Page - NXP Semiconductors 74LV4020 Datasheet HTML 5Page - NXP Semiconductors 74LV4020 Datasheet HTML 6Page - NXP Semiconductors 74LV4020 Datasheet HTML 7Page - NXP Semiconductors 74LV4020 Datasheet HTML 8Page - NXP Semiconductors 74LV4020 Datasheet HTML 9Page - NXP Semiconductors 74LV4020 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74LV4020_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2005
6 of 20
Philips Semiconductors
74LV4020
14-stage binary ripple counter
9.
Limiting values
[1]
Above
Tamb = 70 °C: Ptot derates linearly with 12 mW/K.
[2]
Above
Tamb = 70 °C: Ptot derates linearly with 8 mW/K.
[3]
Above
Tamb = 60 °C: Ptot derates linearly with 5.5 mW/K.
10. Recommended operating conditions
[1]
The static characteristics are guaranteed from VCC = 1.2 V to VCC = 5.5 V, but LV devices are guaranteed to
function down to VCC = 1.0 V (with input levels GND or VCC).
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input clamping current
VI < −0.5 V or VI > VCC + 0.5 V
-
±20
mA
IOK
output clamping current
VO < −0.5 V or
VO >VCC + 0.5 V
-
±50
mA
IO
output current
VO = −0.5 V to VCC + 0.5 V
-
±25
mA
ICC
quiescent supply current
-
50
mA
IGND
ground current
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
DIP16 package
[1] -
750
mW
SO16 package
[2] -
500
mW
SSOP16 and
TSSOP16 packages
[3] -
400
mW
Table 6:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
[1] 1.0
3.3
5.5
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
-
+125
°C
∆t/∆V
input transition rise and
fall rate
VCC = 1.0 V to 2.0 V
-
-
500
ns/V
VCC = 2.0 V to 2.7 V
-
-
200
ns/V
VCC = 2.7 V to 3.6 V
-
-
100
ns/V
VCC = 3.6 V to 5.5 V
-
-
50
ns/V


Podobny numer części - 74LV4020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
Texas Instruments
74LV4040A TI-74LV4040A Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
logo
NXP Semiconductors
74LV4040D PHILIPS-74LV4040D Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040DB PHILIPS-74LV4040DB Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040N PHILIPS-74LV4040N Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
More results

Podobny opis - 74LV4020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
Nexperia B.V. All right...
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
logo
Motorola, Inc
MC74AC4020 MOTOROLA-MC74AC4020 Datasheet
141Kb / 5P
   14-STAGE BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC4020 PHILIPS-74HC4020 Datasheet
49Kb / 7P
   14-stage binary ripple counter
September 1993
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_14 Datasheet
123Kb / 8P
   14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74HC4020-Q100 NEXPERIA-74HC4020-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020 NEXPERIA-74HCT4020 Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com