Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4020PW Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74LV4020PW
Szczegółowy opis  14-stage binary ripple counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4020PW Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74LV4020PW Datasheet HTML 6Page - NXP Semiconductors 74LV4020PW Datasheet HTML 7Page - NXP Semiconductors 74LV4020PW Datasheet HTML 8Page - NXP Semiconductors 74LV4020PW Datasheet HTML 9Page - NXP Semiconductors 74LV4020PW Datasheet HTML 10Page - NXP Semiconductors 74LV4020PW Datasheet HTML 11Page - NXP Semiconductors 74LV4020PW Datasheet HTML 12Page - NXP Semiconductors 74LV4020PW Datasheet HTML 13Page - NXP Semiconductors 74LV4020PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
74LV4020_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2005
10 of 20
Philips Semiconductors
74LV4020
14-stage binary ripple counter
trec
recovery time
MR to CP
see Figure 8
VCC = 1.2 V
-
10
-
ns
VCC = 2.0 V
22
5
-
ns
VCC = 2.7 V
16
4
-
ns
VCC = 3.0 V to 3.6 V
13
3
-
ns
VCC = 4.5 V to 5.5 V
10
2
-
ns
fmax
maximum input clock frequency
see Figure 7
VCC = 2.0 V
14
60
-
MHz
VCC = 2.7 V
19
76
-
MHz
VCC = 3.0 V to 3.6 V
24
94
-
MHz
VCC = 4.5 V to 5.5 V
36
112
-
MHz
VCC = 3.3 V; CL = 15 pF
-
100
-
MHz
CPD
power dissipation capacitance
per gate; VI = GND to VCC
[2] -20
-
pF
Tamb = −40 °C to +125 °C
tPHL,
tPLH
propagation delay
CP to Q0
see Figure 7
VCC = 1.2 V
---ns
VCC = 2.0 V
-
-
54
ns
VCC = 2.7 V
-
-
38
ns
VCC = 3.0 V to 3.6 V
-
-
32
ns
VCC = 4.5 V to 5.5 V
-
-
22
ns
Qn to Q(n+1)
see Figure 7
VCC = 1.2 V
---ns
VCC = 2.0 V
-
-
37
ns
VCC = 2.7 V
-
-
26
ns
VCC = 3.0 V to 3.6 V
-
-
22
ns
VCC = 4.5 V to 5.5 V
-
-
15
ns
tPHL
propagation delay
MR to Qn
see Figure 8
VCC = 1.2 V
---ns
VCC = 2.0 V
-
-
55
ns
VCC = 2.7 V
-
-
39
ns
VCC = 3.0 V to 3.6 V
-
-
32
ns
VCC = 4.5 V to 5.5 V
-
-
22
ns
Table 8:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF; for test circuit see Figure 9.
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - 74LV4020PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
Texas Instruments
74LV4040A TI-74LV4040A Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
logo
NXP Semiconductors
74LV4040D PHILIPS-74LV4040D Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040DB PHILIPS-74LV4040DB Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040N PHILIPS-74LV4040N Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
More results

Podobny opis - 74LV4020PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
Nexperia B.V. All right...
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
logo
Motorola, Inc
MC74AC4020 MOTOROLA-MC74AC4020 Datasheet
141Kb / 5P
   14-STAGE BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC4020 PHILIPS-74HC4020 Datasheet
49Kb / 7P
   14-stage binary ripple counter
September 1993
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_14 Datasheet
123Kb / 8P
   14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74HC4020-Q100 NEXPERIA-74HC4020-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020 NEXPERIA-74HCT4020 Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com