Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT273PW Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74AHCT273PW
Szczegółowy opis  Octal D-type flip-flop with reset; positive-edge trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT273PW Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT273PW Datasheet HTML 5Page - NXP Semiconductors 74AHCT273PW Datasheet HTML 6Page - NXP Semiconductors 74AHCT273PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT273PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT273PW Datasheet HTML 9Page - NXP Semiconductors 74AHCT273PW Datasheet HTML 10Page - NXP Semiconductors 74AHCT273PW Datasheet HTML 11Page - NXP Semiconductors 74AHCT273PW Datasheet HTML 12Page - NXP Semiconductors 74AHCT273PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74AHC_AHCT273_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 13 May 2008
9 of 18
NXP Semiconductors
74AHC273; 74AHCT273
Octal D-type flip-flop with reset; positive-edge trigger
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
tpd is the same as tPHL only.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
trec
recovery
time
MR to CP; see Figure 8
VCC = 3.0 V to 3.6 V
2.5
-
-
2.5
-
2.5
-
ns
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[4]
-14
-
-
-
-
-
pF
74AHCT273; VCC = 4.5 V to 5.5 V
tpd
propagation
delay
CP to Qn; see Figure 7
[2]
CL = 15 pF
-
4.0
7.5
1.0
8.8
1.0
9.5
ns
CL = 50 pF
-
5.8
9.2
1.0
10.5
1.0
11.5
ns
MR to Qn; see Figure 8
[3]
CL = 15 pF
-
3.9
10.0
1.0
11.6
1.0
12.5
ns
CL = 50 pF
-
5.6
11.0
1.0
12.6
1.0
14.0
ns
fmax
maximum
frequency
see Figure 7
CL = 15 pF
75
120
-
65
-
65
-
MHz
CL = 50 pF
50
75
-
45
-
45
-
MHz
tW
pulse width
CP HIGH or LOW;
see Figure 7
5.0
-
-
6.5
-
6.5
-
ns
MR LOW; see Figure 8
5.0
-
-
6.0
-
6.0
-
ns
tsu
set-up time
Dn to CP; see Figure 9
3.0
-
-
3.0
-
3.0
-
ns
th
hold time
Dn to CP; see Figure 9
1.0
-
-
1.0
-
1.0
-
ns
trec
recovery
time
MR to CP; see Figure 8
2.5
-
-
2.5
-
2.5
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[4]
-18
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Podobny numer części - 74AHCT273PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT273PW PHILIPS-74AHCT273PW Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74AHCT273PW NEXPERIA-74AHCT273PW Datasheet
270Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4 - 23 September 2020
74AHCT273PW-Q100 NEXPERIA-74AHCT273PW-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
More results

Podobny opis - 74AHCT273PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com