Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA412Y-600B Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części BTA412Y-600B
Szczegółowy opis  12 A three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA412Y-600B Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button BTA412Y-600B Datasheet HTML 2Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 3Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 4Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 5Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 6Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 7Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 8Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 9Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BTA412Y_SER_B_C_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 11 March 2008
6 of 12
NXP Semiconductors
BTA412Y series B and C
12 A 3-quadrant triacs, insulated, high commutation, high temperature
7.
Static characteristics
Table 6.
Static characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
BTA412Y-600B
BTA412Y-800B
BTA412Y-600C
BTA412Y-800C
Unit
Min
Typ
Max
Min
Typ
Max
IGT
gate trigger
current
VD =12V; IT = 0.1 A; see Figure 8
T2+ G+
2
-
50
2
-
35
mA
T2+ G
2
-
50
2
-
35
mA
T2
− G−
2
-
50
2
-
35
mA
IL
latching current VD =12V; IG = 0.1 A; see Figure 10
T2+ G+
-
-
60
-
-
50
mA
T2+ G
--90
--60
mA
T2
− G−
--60
--50
mA
IH
holding current
VD =12V; IG = 0.1 A; see Figure 11
--60
--35
mA
VT
on-state
voltage
IT = 18 A; see Figure 9
-
1.3
1.5
-
1.3
1.5
V
VGT
gate trigger
voltage
VD =12V; IT = 0.1 A; see Figure 7
-
0.8
1.5
-
0.8
1.5
V
VD = 400 V; IT = 0.1 A; Tj = 150 °C
0.25
0.4
-
0.25
0.4
-
V
ID
off-state current VD =VDRM(max); Tj = 125 °C
-
0.1
0.5
-
0.1
0.5
mA
VD =VDRM(max); Tj = 150 °C
-
0.4
2
-
0.4
2
mA


Podobny numer części - BTA412Y-600B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA412Y-600B NXP-BTA412Y-600B Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
logo
WeEn Semiconductors
BTA412Y-600B WEEN-BTA412Y-600B Datasheet
405Kb / 12P
   3Q Triac
More results

Podobny opis - BTA412Y-600B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com