Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1-1437558-2 Arkusz danych(PDF) 11 Page - Tyco Electronics

Numer części 1-1437558-2
Szczegółowy opis  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1437558-2 Arkusz danych(HTML) 11 Page - Tyco Electronics

Back Button 1-1437558-2 Datasheet HTML 6Page - Tyco Electronics 1-1437558-2 Datasheet HTML 7Page - Tyco Electronics 1-1437558-2 Datasheet HTML 8Page - Tyco Electronics 1-1437558-2 Datasheet HTML 9Page - Tyco Electronics 1-1437558-2 Datasheet HTML 10Page - Tyco Electronics 1-1437558-2 Datasheet HTML 11Page - Tyco Electronics 1-1437558-2 Datasheet HTML 12Page - Tyco Electronics 1-1437558-2 Datasheet HTML 13Page - Tyco Electronics 1-1437558-2 Datasheet HTML 14Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
C53
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTM-VRA/MTA-VRA
Toggle Switches, MT Series, Right Angle, Long or Short Bat Actuator
For terminal connections refer to Code Chart. (See Page M5-6)
SPDT
DPDT
MTM8206NVRA
Vertical Actuation
SPDT
MTA8106DVRA
Vertical Actuation
.512
(13.00)
.190
(4.83)
TYP.
.512
(13.00)
.047
(1.19)
TYP.
.364
(9.23)
.106
(2.69)
.236
(5.99)
.030
(0.76)
TYP.
.268
(6.81)
.500
(12.70)
24
o
.289
(7.34)
.100
(2.54)
TYP.
.500
(12.70)
.190
(4.83)
.095
(2.40)
.200
(5.08)
.100
(2.54)
.073
(1.85)
Dia.
Typ.
.110
(2.80)
DIA.
.236
(5.99)
DIA
.047
(1.19)
MTM8106DVRA
Vertical Actuation
.047
(1.19)
TYP.
.106
(2.69)
.236
(5.99)
.030
(0.76)
TYP.
.364
(9.23)
.500
(12.70)
.268
(6.81)
24
°
.289
(7.34)
.100
(2.54)
TYP.
.500
(12.70)
.200
(5.08)
.100
(2.54)
.073
(1.85)
Dia.
Typ.
.110
(2.80)
DIA.
.236
(5.99)
DIA.
.047
(1.19)
.315
(8.00)
.512
(13.00)
.364
(9.23)
.106
(2.69)
1/4-40 UNS-2A
.315
(8.00)
.030
(0.76)
TYP.
.413
(10.49)
.500
(12.70)
24
o
.364
(9.25)
.120
(3.00)
DIA.
.047
(1.19)
.047
(1.19)
TYP.
.100
(2.54)
TYP.
.500
(12.70)
.200
(5.08)
.100
(2.54)
.073
(1.85)
DIA.
TYP.
.315
(8.00)
.512
(13.00)
Tyco
Alcoswitch
Type
Act. Code P. M5
Short
Bushing
Electronics
Toggle
5-1437559-7
MTM8106DVRA SPDT
1
On None On
.270
.250
5-1437559-9
MTM8106EVRA
SPDT
5
On
Off On
.270
.250
Tyco
Alcoswitch
Type
Act. Code P. M5
Short
Bushing
Electronics
Toggle
1417566-1
MTM8206NVRA DPDT
1
On None On
.270
.250
MTM8206PVRA
DPDT
5
On
Off On
.270
.250
147673-2
MTM8206RVRA DPDT
1
On None (On)
.270
.250
(On) indicates momentary position.
Tyco
Alcoswitch
Type
Act. Code P. M5
Short
Bushing
Electronics
Toggle
5-1437558-1
MTA8106DVRA
SPDT
1
On None On
.410
1/4-40
147676-1
MTA8106EVRA
SPDT
5
On
Off On
.410
1/4-40
MTA8106FVRA
SPDT
1
On None (On)
.410
1/4-40
(On) indicates momentary position.
SEE PAGE C52 FOR PRODUCT SPECIFICATIONS
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
DPDT
Standard Toggle
Tyco
Alcoswitch
Type Act. Code P. M5
Toggle Bushing
Electronics
5-1437558-6
MTA8206NRA
DPDT
2
On None On
.410
1/4-40
5-1437558-9
MTA8206PRA
DPDT
6
On Off On
.410
1/4-40
MTA8206RRA
DPDT
2
(On) None On
.410
1/4-40
(On) indicates momentary position.
.512
(13.00)
.185
(4.70)
TYP
.512
(13.00)
.030
(0.76)
TYP
.106
(2.69)
1/4-40 UNS-2A
.020
(1.00)
.364
(9.23)
.36
(9.10)
.150
(3.81)
.500
(12.70)
.185
(4.70)
.370
(9.40)
.200
(5.08)
.100
(2.54)
.075
(1.91)
.070
(1.78)
DIA
.040
(1.00)
.413
(10.49)
24o
.12
(3.00)
DIA
.500
(12.70)
.200
(5.10)
.022 Dp x .040 W
(0.55 Dp x 1.00 W)
KEYWAY
.150
(3.80)
.047
(1.19)
TYP
Horizontal Actuation


Podobny numer części - 1-1437558-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
1-1437558-2 MACOM-1-1437558-2 Datasheet
487Kb / 3P
   TOGGLE SWITCH
1-1437558-2 MACOM-1-1437558-2 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
More results

Podobny opis - 1-1437558-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1437559-5 MACOM-2-1437559-5 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-6 MACOM-2-1437559-6 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
N1B MACOM-N1B Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-7 MACOM-2-1437559-7 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-4 MACOM-2-1437559-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-1 MACOM-2-1437559-1 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437628-4 MACOM-2-1437628-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
   Wire Lead Toggle & Push Button Switches
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com