Zakładka z wyszukiwarką danych komponentów |
|
1-1437598-3 Arkusz danych(PDF) 3 Page - Tyco Electronics |
|
1-1437598-3 Arkusz danych(HTML) 3 Page - Tyco Electronics |
3 / 4 page SKF Series Medium Security Key Switch H4 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 H NOTE: All Keylocks are supplied with 2 brass keys on a ring. SPST 4 Disc Tumblers MATERIAL SPECIFICATIONS Contacts ……………………Silver Cylinder Material …………Zinc alloy Lock Body …………………Zinc alloy Key Material ………………Brass Terminals/Fixed Contacts …Screw type Beveled Frame Finish ………Brushed chrome ENVIRONMENTAL SPECIFICATIONS Operating Temperature ……-22°F + 185° F (-30°C to +85°C( Storage Temperature ………-22°F + 185° F (-30°C to +85°C) Solder Heat Resistance ……See page M3-4 TYPICAL PERFORMANCE CHARACTERISTICS Contact Rating………………1 A @ 120 VAC resistive Initial Contact Resistance …50 Milliohms max. Contact Timing ……………Non-shorting Actuator Travel ……………90° Key Changes ………………10 Standard Life Expectancy ……………Up to 10,000 Cycles .760 (19.3) .750 (19.1) DIA. 1.00 (25.4) 90 ° POS.1 1.00 (25.4) 0.86 (21.8) 1.16 (29.5) .300 (7.62) 3/4-24 UNS-2A 0.54 (13.7) 0.63 (16.0) 0.25 (6.40) .032 (0.81) 0.63 (16.0) .640 (16.3) .630 (16.0) 6-32 SEM SCREWS POS.2 PANEL CUT-OUT Tyco Alcoswitch Type Pos. 1 Pos. 2 Remove Key Eelctronics 1437597-1 2SKF131AEL01 SPST Off On Position 1 1437597-7 2SKF132AEL01 SPST Off On Position 1 or 2 1-1437597-0 2SKF133AEL01 SPST On Off Position 1 Tyco Alcoswitch Type Pos. 1 Pos. 2 Remove Key Eelctronics 1-1437597-1 2SKF231AEL01 SPST Off (On) Position 1 3-1437597-4 SK1323AEL01 Spare key for SK Series (On) indicates momentary position. SKF131 |
Podobny numer części - 1-1437598-3 |
|
Podobny opis - 1-1437598-3 |